Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT6264L-25LSMBLF Datasheet(PDF) 3 Page - Force Technologies Ltd

Part # FT6264L-25LSMBLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-25LSMBLF Datasheet(HTML) 3 Page - Force Technologies Ltd

  FT6264L-25LSMBLF Datasheet HTML 1Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-25LSMBLF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DATA RETENTION CHARACTERISTICS (FT6264L, Military Temperature Only)
Typ.*
Max
Symbol
Parameter
Test Condition
Min
V
CC=VCC=
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
10
15
200
300
µA
t
CDR
Chip Deselect to
0
ns
Data Retention Time
t
R
†
Operation Recovery Time
t
RC
§
ns
*T
A = +25°C
§t
RC = Read Cycle Time
†This parameter is guaranteed but not tested.
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE1 = VIL, CE2 = VIH, OE = VIH
POWER DISSIPATION CHARACTERISTICS VS. SPEED
DATA RETENTION WAVEFORM
CE
1 ≥ VCC – 0.2V or
CE
2 ≤ 0.2V, VIN ≥ VCC – 0.2V
or V
IN ≤ 0.2V
Symbol
Parameter
Temperature
Range
-8
-10
-12
-15
-20
-25
-35
45
-70 -100
Unit
Commercial
200 180 170 160 155 150 145 N/A 130 125
mA
Industrial
N/A 190 180 170 160 155 150 N/A 145 140
mA
Military
N/A N/A 180 170 160 155 150 145 145 145
mA
Dynamic Operating Current*
ICC
Rev 1.8
3/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com