Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS36A Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS36A
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS36A Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS36A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
®
AS7C3364PFS32A
AS7C3364PFS36A
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and
product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no
responsibility for any errors that may appear in this document. The data contained herein represents Alliance’s best data and/or estimates at the time of issuance. Alliance reserves the right to
change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this
product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to
the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as
express agreed to in Alliance’s Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance’s Terms and
Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights
of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result
in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance
against all claims arising from such use.
2/1/01; V.0.9
Alliance Semiconductor
P. 11 of 11
Ordering information
Part numbering guide
1.Alliance Semiconductor SRAM prefix
2.Operating voltage: 33=3.3V
3.Organization: 64=64K
4.Pipeline-Flowthrough (each device works in both modes)
5.Deselect: S=Single cycle deselect
6.Organization: 32=x32; 36=x36
7.Production version: A=first production version
8.Clock speed (MHz)
9.Package type: TQ=TQFP
10.Operating temperature: C=Commercial (
0
° C to 70° C); I=Industrial (-40° C to 85° C)
–166 MHz
–150 MHz
–133 MHz
–100 MHz
AS7C3364PFS32A-166TQC
AS7C3364PFS32A-150TQC
AS7C3364PFS32A-133TQC
AS7C3364PFS32A-100TQC
AS7C3364PFS32A-166TQI
AS7C3364PFS32A-150TQI
AS7C3364PFS32A-133TQI
AS7C3364PFS32A-100TQI
AS7C3364PFS36A-166TQC
AS7C3364PFS36A-150TQC
AS7C3364PFS36A-133TQC
AS7C3364PFS36A-100TQC
AS7C3364PFS36A-166TQI
AS7C3364PFS36A-150TQI
AS7C3364PFS36A-133TQI
AS7C3364PFS36A-100TQI
AS7C
33
64
PF
S
32/36
A
–XXX
TQ
C/I
1
23
4
5
6
789
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com