Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS36A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS36A
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS36A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C3364PFS36A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AS7C3364PFS32A
AS7C3364PFS36A
®
2/1/01
Alliance Semiconductor
P. 4 of 11
Synchronous truth table
Key: X = Don’t Care, L = Low, H = High.
1See “Write enable truth table”on page 2 for more information.
2
Q in flow through mode.
3
For write operation following a READ,
OE must be HIGH before the input data set up time and held HIGH throughout the input hold time.
Recommended operating conditions
CE0
CE1
CE2
ADSP
ADSC
ADV
WEn
1
OE
Address accessed
CLK
Operation
DQ
H
XXX
L
X
X
X
NA
L to H
Deselect
Hi
−Z
LL
X
L
X
X
X
X
NA
L to H
Deselect
Hi
−Z
LL
X
H
L
X
X
X
NA
L to H
Deselect
Hi
−Z
LX
H
L
X
X
X
X
NA
L to H
Deselect
Hi
−Z
LX
H
H
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
H
L
L
X
XXL
External
L to H
Begin read
Hi
−Z2
LHL
L
X
X
X
H
External
L to H
Begin read
Hi
−Z
LHLHL
X
F
L
External
L to H
Begin read
Hi
−Z2
LHLHL
X
F
H
External
L to H
Begin read
Hi
−Z
XXX
H
H
L
F
L
Next
L to H
Cont. read
Q
XXX
H
H
L
F
H
Next
L to H
Cont. read
Hi
−Z
XXX
H
H
H
F
L
Current
L to H
Suspend read
Q
XXX
H
H
H
F
H
Current
L to H
Suspend read
Hi
−Z
H
XXX
H
L
F
L
Next
L to H
Cont. read
Q
H
XXX
H
L
F
H
Next
L to H
Cont. read
Hi
−Z
H
XXX
H
H
F
L
Current
L to H
Suspend read
Q
H
XXX
H
H
F
H
Current
L to H
Suspend read
Hi
−Z
LHLHL
X
T
X
External
L to H
Begin write
D3
XXX
H
H
L
T
X
Next
L to H
Cont. write
D
H
XXX
H
L
T
X
Next
L to H
Cont. write
D
XXX
H
H
H
T
X
Current
L to H
Suspend write
D
H
XXX
H
H
T
X
Current
L to H
Suspend write
D
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VDD
3.135
3.3
3.6
V
VSS
0.0
0.0
0.0
3.3V I/O supply
voltage
VDDQ
3.135
3.3
3.6
V
VSSQ
0.0
0.0
0.0
2.5V I/O supply
voltage
VDDQ
2.35
2.5
2.9
V
VSSQ
0.0
0.0
0.0
Input voltages
Address and
control pins
VIH
2.0
VDD + 0.3
V
VIL
–0.5*
* VIL min = –2.0V for pulse width less than 0.2 × tRC.
† Input voltage ranges apply to 3.3V I/O operation. For 2.5V I/O operation, contact factory for input specifications.
–0.8
I/O pins
VIH
2.0
VDDQ + 0.3
V
VIL
–0.5*
–0.8
Ambient operating temperature
TA
0–
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com