Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS36A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS36A
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS36A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C3364PFS36A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS36A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AS7C3364PFS32A
AS7C3364PFS36A
®
2/1/01
Alliance Semiconductor
P. 2 of 11
Functional description
The AS7C3364PFS32A and AS7C3364PFS36A are high-performance CMOS 2-Mbit synchronous Static Random Access Memory (SRAM)
devices organized as 65,536 words × 32 or 36 bits, and incorporate a two-stage register-register pipeline for highest frequency on any given
technology.
Timing for these devices is compatible with existing Pentium® synchronous cache specifications. This architecture is suited for ASIC, DSP
(TMS320C6X), and PowerPC™*-based systems in computing, datacomm, instrumentation, and telecommunications systems.
Fast cycle times of 6/6.7/7.5/10 ns with clock access times (tCD) of 3.5/3.8/4.0/5.0 ns enable 166, 150, 133 and 100 MHz bus frequencies.
Three chip enable (CE) inputs permit easy memory expansion. Burst operation is initiated in one of two ways: the controller address strobe
(ADSC), or the processor address strobe (ADSP). The burst advance pin (ADV) allows subsequent internally generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip address register
when ADSP is sampled Low, the chip enables are sampled active, and the output buffer is enabled with OE. In a read operation the data accessed
by the current address, registered in the address registers by the positive edge of CLK, are carried to the data-out registers and driven on the
output pins on the next positive edge of CLK. ADV is ignored on the clock edge that samples ADSP asserted, but is sampled on all subsequent
clock edges. Address is incremented internally for the next access of the burst when ADV is sampled Low, and both address strobes are High.
Burst operation is selectable with the LBO input. With LBO unconnected or driven High, burst operations use a Pentium® count sequence. With
LBO driven LOW, the device uses a linear count sequence suitable for PowerPC™ and many other applications.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable GWE writes all 32/
36 bits regardless of the state of individual BW[a:d] inputs. Alternately, when GWE is High, one or more bytes may be written by asserting
BWE and the appropriate individual byte BWn signal(s).
BWn is ignored on the clock edge that samples ADSP Low, but is sampled on all subsequent clock edges. Output buffers are disabled when BWn
is sampled LOW (regardless of OE). Data is clocked into the data input register when BWn is sampled Low. Address is incremented internally to
the next burst address if BWn and ADV are sampled Low.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC and ADSP follow.
•ADSP must be sampled HIGH when ADSC is sampled LOW to initiate a cycle with ADSC.
•WE signals are sampled on the clock edge that samples ADSC LOW (and ADSP High).
•Master chip enable CE0 blocks ADSP, but not ADSC.
ASAS7C3364PFS32A and ASAS7C3364PFS36A family operates from a core 3.3V power supply. I/Os use a separate power supply that can
operate at 2.5V or 3.3V. These devices are available in a 100-pin 14 × 20 mm TQFP package.
*PowerPC
™ is a tradenark International Business Machines Corporation.
Capacitance
Write enable truth table (per byte)
Key:
X = Don’t Care, L = Low, H = High, T = True, F = False; *= Valid read; n = a, b, c, d;
WE, WEn = internal write signal.
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
Address and control pins
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O pins
VIN = VOUT = 0V
7
pF
GWE
BWE
BWn
WEn
LX
X
T
HL
L
T
HH
X
F*
HLH
F
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com