Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8128ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8128ACPZ-R2
Description  CAT-5 Receiver with Adjustable Line Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8128ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8128
Data Sheet
Rev. A | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±5.5 V
Input Voltage
±VS
VPEAK and VGAIN Control Pins
−3 V to +VS
VOFFSET Control Pins
±VS
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead LFCSP
77
14
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the AD8128 package is
limited by the associated rise in junction temperature (TJ) on the
die. At approximately 150°C, which is the glass transition temp-
erature, the plastic changes the properties. Even temporarily
exceeding this temperature limit can change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the AD8128. Exceeding a junction temperature
of 150°C for an extended period can result in changes in the
silicon devices potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for the output. The quiescent power
is the voltage between the supply pins (VS) times the quiescent
current (IS). The power dissipated due to the load drive depends
upon the particular application. For each output, the power due
to load drive is calculated by multiplying the load current by the
associated voltage drop across the
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads from metal
traces, through-holes, ground, and power planes reduces the θJA.
The exposed pad on the underside of the package must be
soldered to a pad on the PCB surface, which is thermally connected
to a copper plane to achieve the specified θJA.
Figure 2 shows the maximum safe power dissipation in the package
vs. the ambient temperature for the 8-lead LFCSP (48.5°C/W) on a
JEDEC standard 4-layer board with the underside pad soldered to a
pad that is thermally connected to a PCB plane. Extra thermal
relief is required for operation at high supply voltages.
3.0
0
–30
–40
–10
–20
10
0
30
20
50
40
70
60
90
80
110
100
130
120
AMBIENT TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
Figure 2. Maximum Power Dissipation vs. Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com