Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8128ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8128ACPZ-R2
Description  CAT-5 Receiver with Adjustable Line Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8128ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8128
Data Sheet
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, RL = 150 Ω, Belden cable, VOFFSET = 0 V, unless otherwise noted.
1.0
0
0
100
CABLE LENGTH (M)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
10
20
30
40
50
60
70
80
90
VOUT = 2V p-p
RL = 150Ω
VPEAK
VGAIN
Figure 4. VPEAK and VGAIN Settings vs. Cable Length
10
20
30
–70
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
0.1
1
10
100
1k
3k
VPEAK = 1V
VPEAK = 0.5V
VPEAK = 0V
Figure 5. Frequency Response for Various VPEAK Settings Without Cable
10
–70
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
0.1
1
10
100
1k
3k
VGAIN = 1V
VGAIN = 0.5V
VGAIN = 0V
Figure 6. Frequency Response for Various VGAIN Settings Without Cable
2
–10
0.1
FREQUENCY (MHz)
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
1
10
100
300
VPEAK AND VGAIN SETTINGS ARE CONSISTENT
WITH OPTIMIZED SETTINGS IN FIGURE 4
VOUT = 2V p-p
RL = 150Ω
Figure 7. Equalized Frequency Response for 50 M Cable
2
–10
0.1
FREQUENCY (MHz)
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
1
10
100
300
VPEAK AND VGAIN SETTINGS ARE CONSISTENT
WITH OPTIMIZED SETTINGS IN FIGURE 4
VOUT = 2V p-p
RL = 150Ω
Figure 8. Equalized Frequency Response for 100 M Cable
1.5
–1.5
0
200
TIME (ns)
1.0
0.5
0
–0.5
–1.0
20
40
60
80
100 120 140 160 180
VPEAK AND VGAIN SETTINGS ARE
CONSISTENT WITH OPTIMIZED
SETTINGS IN FIGURE 4
Figure 9. Equalized Pulse Response for 50 M of Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com