Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8128ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8128ACPZ-R2
Description  CAT-5 Receiver with Adjustable Line Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8128ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8128ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CAT-5 Receiver with
Adjustable Line Equalization
Data Sheet
AD8128
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Tuned to compensate for Category-5 (CAT-5) cable losses
Up to 100 meters at 120 MHz
2 voltage controlled frequency response adjustment pins
High frequency peaking adjustment
Broadband gain adjustment
2700 V/μs slew rate
Low output noise
1.5 mV rms integrated noise (1 GHz) at 100 meters
equalized bandwidth
DC output offset adjust
Low offset voltage error: 7 mV typ
Equalized pass-band ripple ±1 dB to 70 MHz
Input: differential or single ended
Supply current: 24 mA on ±5 V
Small 8-lead 3 mm × 3 mm LFCSP
APPLICATIONS
Keyboard-video-mouse (KVM)
RGB video over unshielded twisted pair (UTP) cable receivers
Professional video projection and distribution
Security video
FUNCTIONAL BLOCK DIAGRAM
VOFFSET
VGAIN
VPEAK
VOUT
VIN+
VIN–
AD8128
HPF
HPF
LPF
Figure 1.
GENERAL DESCRIPTION
The AD8128 is a high speed, differential receiver/equalizer that
compensates for the transmission losses of unshielded twisted pair
(UTP) CAT-5 cables. Various frequency dependent gain stages
are summed together to best approximate the inverse frequency
response of CAT-5/CAT-5e cable. An equalized bandwidth of
120 MHz can be achieved for 100 meters of cable.
The AD8128 can be used as a standalone receiver/equalizer or
in conjunction with the AD8143, triple differential receiver, to
provide a complete low cost solution for receiving RGB over
UTP cable in such applications as KVM.
The AD8128 has three control pins for optimal CAT-5/CAT-5e
compensation. The equalized cable length is directly proportional
to the voltage applied to the VPEAKpin, which controls the amount
of high frequency peaking. VGAIN adjusts the broadband gain
from 0 dB to 3 dB, compensating for the resistive cable loss.
VOFFSET allows the output to be shifted by ±2.5 V, adding
flexibility for dc-coupled systems.
Low integrated output noise and offset voltage adjust make the
AD8128 an excellent choice for dc-coupled wideband RGB-over-
CAT-5 applications. For systems where the UTP cable is longer
than 100 meters, two AD8128 devices can be cascaded to
compensate for up to 200 meters of CAT-5/CAT-5e.
The AD8128 is available in a 3 mm × 3 mm 8-lead LFCSP and
is rated to operate over the extended temperature range of
−40°C to +85°C.


Similar Part No. - AD8128ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128ACPZ-R2 AD-AD8128ACPZ-R2 Datasheet
311Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
10/05-Revision 0
More results

Similar Description - AD8128ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
311Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
10/05-Revision 0
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
AD8124 AD-AD8124 Datasheet
324Kb / 16P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
logo
Level One
ADE-8011 LVL1-ADE-8011 Datasheet
207Kb / 2P
Cat.5 Audio Transmitter/Receiver
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
HDMI over Cat.5 Receiver, 300m
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com