Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed Digitally Controlled VGA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
ADL5202
Rev. D | Page 27 of 29
EVALUATION BOARD CONFIGURATION OPTIONS
Configuration Options for the Main Section
Table 9. Bill of Materials for Main Section
Components
Function
Default Conditions
C24 to C27, C51
Power supply decoupling. Nominal supply decoupling consists of a 0.1 µF
capacitor to ground.
C24 to C27, C51 = 0.1 µF (Size 0603)
VPOS, 3V3
GND
Power supply connections.
VPOS, 3V3 (test loop red) installed
GND (test loop black) installed
DUT1
Evaluation device.
Installed
INA+, INA−
INB+, INB−
T1, T2, C18 to C23,
R8, R9, R20 to R29,
R88, R89
Input interfaces. The INA+ and INA− input SMA connectors are used to
drive the Channel A balun in a single-ended fashion. The INB+ and INB−
input SMAs are used to drive the Channel B balun in a single-ended fashion.
The default configuration of the evaluation board is for single-ended
operation.
T1 and T2 are 3:1 impedance ratio RF transformers that are used to transform
a 50 Ω, single-ended input into a 150 Ω balanced differential signal.
C18 and C19 are balun decoupling capacitors. C20 to C23 are used for
dc blocking purposes.
R20 to R29 are provided for generic placement of matching components.
R88 and R89 are populated to ground on one side of the transformer
primary, creating the 50 Ω single-ended input.
INA+ (SMA connector) installed
INA− (SMA connector) installed
INB+ (SMA connector) installed
INB− (SMA connector) installed
T1, T2 = TC3-1T+ (Mini-Circuits)
C18 to C23 = 0.1 µF (Size 0603)
R8, R9, R26 to R29 = 0 Ω (Size 0402)
R20 to R25, R88, R89 = open
OUTA+, OUTA−
OUTB+, INB−
T3, T4, C36 to C45,
R63 to R82, L1 to L4
VXA, VXB
Output interfaces. The OUTA+ and OUTA− output SMA connectors are used to
load the Channel A balun in a single-ended fashion. The default configuration
of the evaluation board is for single-ended operation. The OUTB+ and
OUTB− output SMAs are used to load the Channel B balun in a single-
ended fashion. The default configuration of the evaluation board is for
single-ended operation.
T3 and T4 are 3:1 impedance ratio transformers used to transform a 50 Ω,
single-ended output into a 150 Ω balanced differential load.
C40 to C43 are used for ac coupling. C44 and C45 are balun decoupling
capacitors.
R69 to R76 are provided for generic placement of matching components.
By removing R79 and R80 and installing 0 Ω at R81 and R82, the output is
converted to a differential output. L1 to L4 provide dc bias to the output
stages. R67 and R68 provide a connection to the 5 V power plane.
Optionally, R67 and R68 can be removed and the output stage biased
through the VXA and VXB terminals.
OUTA+ (SMA connector) installed
OUTA− (SMA connector) installed
OUTB+ (SMA connector) installed
OUTB− (SMA connector) installed
T3, T4 = TC3-1T+ (mini-circuits)
C36 to C45 = 0.1 µF (Size 0603)
R63 to R72, R77 to R80 = 0 Ω
(Size 0402)
R73 to R76, R81, R82 = open
L1, L2, L3, L4 = 1 µH (Size 0805)
VXA, VXB (test loop) installed
P1, P2, PWUPA, PWUPB,
R30
Power-up interface. The ADL5202 is powered up by applying a logic high
(1.4 V ≤ PWUPA/PWUPB ≤ 3.3 V) to PWUPA and PWUPB from an external
source or by installing a shunt between Pin1 and Pin 2 of P1 andP2.
P1 installed for enable
P2 installed for enable
PWUPA (SMA connector) installed
PWUPB (SMA connector) installed
R30 = open
A0 to A5, B0 to B5,
LATCHA, LATCHB, PM,
MODE0, MODE1
R10 to R19, R31 to R62,
R84 to R87,
C28 to C35, C47 to C50
Gain control interface. All of the gain control functions are fully controlled
via the USB microcontroller by using the supplied software. Three-pin
headers allow for manual operation of the gain control, if desired.
The R31 to R34, R45, R46, R53, R54, and R84 to R87 resistors and the C28 to
C35 and C47 to C50 capacitors allow for the generic placement of filter
components.
The R10 to R19, R31 to R62, and R84 to R87 resistors isolate the gain control
pins from the microcontroller and provide current limiting.
A0 to A5 (3-pin header) installed
B0 to B5 (3-pin header) installed
LATCHA (3-pin header) installed
LATCHB (3-pin header) installed
MODE0 (3-pin header) installed
MODE1 (3-pin header) installed
PM (3-pin header) installed
R10 to R19 = 1 kΩ (Size 0603)
R35 to R44 = 1 kΩ (Size 0603)
R47 to R52 1 kΩ (Size 0603)
R55 to R62 1 kΩ (Size 0603)
R31 to R34 = open
R45, R46 = open
R53, R54 = open
R84 to R87 = open
C28 to C35 = open
C47 to C50 = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com