Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed Digitally Controlled VGA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ADL5202
Data Sheet
Rev. D | Page 16 of 29
THEORY OF OPERATION
DIGITAL INTERFACE OVERVIEW
The ADL5202 VGA has three digital gain control options:
the parallel control interface, serial peripheral interface, and gain
up/down interface. The desired gain control option is selected
via two control pins, MODE0 and MODE1 (see Table 4 for the
truth table for the mode control pins). The gain code is in a 6-bit
binary format. A voltage of between 1.4 V and 3.3 V is required
for a logic high.
Three pins are common to all gain control options: PM, PWUPA,
and PWUPB. PM allows the user to choose operation in nominal
mode or high performance mode. PWUPA and PWUPB are
power-up pins for Channel A and Channel B, respectively.
Physical pins are shared among the three interfaces, resulting in
as many as three different functions per digital pin (see Table 3).
Table 4. Digital Control Interface Selection Truth Table
MODE1
MODE0
Interface
0
0
Parallel control
0
1
Serial peripheral (SPI)
1
0
Up/down
1
1
Up/down
PARALLEL DIGITAL INTERFACE
The parallel digital interface uses six binary bits (Bits[A5:A0] or
Bits[B5:B0]) and a latch pin (LATCHA or LATCHB) per amplifier.
The latch pin controls whether the input data latch is transparent
or latched. In transparent mode, gain changes as input gain control
bits change. In latched mode, gain is determined by the latched
gain setting and does not change with changing input gain
control bits.
SERIAL PERIPHERAL INTERFACE (SPI)
The SPI uses three pins (SDIO, SCLK, and CSA or CSB). The
SPI data register consists of two bytes: six gain control bits, two
attenuation step size address bits, one read/write bit, and seven
don’t care bits. SDIO is the serial data input and output pin. The
SCLK pin is the serial clock, and CSA or CSB is the channel
select pin.
DATA
READ/WRITE
DO NOT CARE
(7 BITS)
FAST ATTACK ATTENUATION
STEP SIZE ADDRESS
GAIN CONTROL
D0
D1
D2
D3
D4
D5
FA0 FA1 R/W DNC DNC DNC DNC DNC DNC DNC
LSB
LSB
MSB
MSB
Figure 50. 16-Bit SPI Register
To write to the SPI register, CSA or CSB must be pulled low and
16 clock pulses must be applied to SCLK. Individual channel
SPI registers can be selected by pulling CSA or CSB low. By
pulling the CSA and CSB pins low simultaneously, the same
data can be written to both SPI registers.
To read the SPI register value, the R/W bit must be set high,
CSA or CSB must be pulled low, and the part must be clocked.
After the register has been read out during the next 16 clock cycles,
the SPI is automatically put into write mode. Note that there is
only one SDIO pin. Readback from the registers should be per-
formed individually.
Fast Attack
The fast attack feature, accessible via the SPI, allows the gain to be
reduced from its present gain setting by a predetermined step size.
Four different attenuation step sizes are available. The truth table
for fast attack is shown in Table 5.
Table 5. SPI 2-Bit Attenuation Step Size Truth Table
FA1
FA0
Step Size (dB)
0
0
2
0
1
4
1
0
8
1
1
16
SPI fast attack mode is controlled by the FA_A or FA_B pin.
A logic high on the FA_A or FA_B pin results in an attenuation
that is selected by Bits[FA1:FA0] in the SPI register.
GAIN UP/DOWN INTERFACE
The GS1 and GS0 pins control the up/down gain step function.
Gain is increased by a clock pulse on the UPDN_CLK_A pin or
the UPDN_CLK_B pin (rising and falling edges) when the
UPDN_DAT_A or UPDN_DAT_B pin is high. Gain is decreased
by a clock pulse on the UPDN_CLK_A or UPDN_CLK B pin
when the UPDN_DAT_A or UPDN_CLKB pin is low. The truth
table for the gain step function is shown in Table 6. Reset is
detected by a rising edge latching data having one polarity, with
the falling edge latching the opposite polarity. Reset results in
a minimum binary gain code of 111111.
Table 6. Step Size Control Truth Table
GS1
GS0
Step Size (dB)
0
0
0.5
0
1
1
1
0
2
1
1
4
The step size is selectable using the GS1 and GS0 pins. The gain
is limited by the top and bottom of the control range.
DN
UP
RESET
UPDN_DAT
UPDN_CLK
Figure 51. Up/Down Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com