Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5202ACPZ-R7
Description  Wide Dynamic Range, High Speed Digitally Controlled VGA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5202ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5202ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADL5202
Data Sheet
Rev. D | Page 6 of 29
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
EXPOSED
PADDLE
NOTES
1. THE EXPOSED PADDLE (EP) MUST BE CONNECTED TO
A LOW IMPEDANCE GROUND PAD.
1
2
A4
3
A5
4
MODE1
5
MODE0
6
PM
7
GND
8
SIDO/B5
9
SCLK/B4
10
23 VPOS
24 VPOS
25 VPOS
26 VPOS
27 VPOS
28 VPOS
29
30
22
21
PIN 1
INDICATOR
CSA/A3
GS1/CSB/B3
ADL5202
VOUTB–
VOUTB+
VOUTA+
VOUTA–
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CSA/A3
Channel A Select (CSA). When serial mode is enabled, a logic low (0 V ≤ CSA ≤ 0.8 V) selects Channel A.
Bit 3 for Channel A Parallel Gain Control Interface (A3).
2
A4
Bit 4 for Channel A Parallel Gain Control Interface.
3
A5
Bit 5 (MSB) for Channel A Parallel Gain Control Interface.
4
MODE1
MSB for Mode Control. With the MODE0 pin, selects parallel, SPI, or up/down interface mode.
5
MODE0
LSB for Mode Control. With the MODE1 pin, selects parallel, SPI, or up/down interface mode.
6
PM
Performance Mode. A logic low (0 V ≤ PM ≤ 0.8 V) enables high performance mode. A logic high
(2.8 V ≤ PM ≤ 3.3 V) enables low power mode.
7, 18, 33, EP
GND
Ground. The exposed paddle (EP) must be connected to a low impedance ground pad.
8
SDIO/B5
Serial Data Input/Output (SDIO). When CSA or CSB is pulled low, SDIO is used for reading and writing
to the SPI port.
Bit 5 for Channel B Parallel Gain Control Interface (B5).
9
SCLK/B4
Serial Clock Input in SPI Mode (SCLK).
Bit 4 for Channel B Parallel Gain Control Interface (B4).
10
GS1/CSB/B3
MSB for Gain Step Size Control in Up/Down Mode (GS1).
Channel B Select (CSB). When serial mode is enabled, a logic low (0 V ≤ CSB≤ 0.8 V) selects Channel B.
Bit 3 for Channel B Parallel Gain Control Interface (B3).
11
GS0/FA_B/B2
LSB for Gain Step Size Control in Up/Down Mode (GS0).
Fast Attack (FA_B). In serial mode, a logic high (1.4 V ≤ FA_B ≤ 3.3 V) attenuates Channel B according to
the FA setting in the SPI word.
Bit 2 for Channel B Parallel Gain Control Interface (B2).
12
UPDN_CLK_B/B1
Clock Interface for Channel B Up/Down Function (UPDN_CLK_B).
Bit 1 for Channel B Parallel Gain Control Interface (B1).
13
UPDN_DAT_B/B0
Data Pin for Channel B Up/Down Function (UPDN_DAT_B).
Bit 0 for Channel B Parallel Gain Control Interface (B0).
14
LATCHB
Channel B Latch. A logic low (0 V ≤ LATCHB ≤ 0.8 V) allows gain changes on Channel B. A logic high
(1.4 V ≤ LATCHB ≤ 3.3 V) prevents gain changes on Channel B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com