Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC628LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC628LP4
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC628LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC628LP4 Datasheet HTML 1Page - Analog Devices HMC628LP4 Datasheet HTML 2Page - Analog Devices HMC628LP4 Datasheet HTML 3Page - Analog Devices HMC628LP4 Datasheet HTML 4Page - Analog Devices HMC628LP4 Datasheet HTML 5Page - Analog Devices HMC628LP4 Datasheet HTML 6Page - Analog Devices HMC628LP4 Datasheet HTML 7Page - Analog Devices HMC628LP4 Datasheet HTML 8Page - Analog Devices HMC628LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
12 - 34
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC628LP4 / 628LP4E
v07.0410
Functional Diagram
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vdd= +5V
The HMC628LP4(E) is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
TTL/CMOS compatible serial, parallel or latched
parallel control interface
High Output IP3: +35 dBm (At all gain settings)
Wide Gain Control Range: 23 dB
Power-up State Selection
24 Lead 4x4 mm SMT Package: 16 mm2
Excellent State & Step Accuracy (±0.05 dB)
The HMC628LP4(E) is a digitally controlled variable
gain amplifier which operates from 50 to 800 MHz,
and can be programmed to provide anywhere from
8 dB attenuation, to 15 dB of gain, in 1.0 dB steps.
The HMC628LP4(E) delivers noise figure of 5 dB in its
maximum gain state, with output IP3 of up to +35 dBm
in any state. The dual mode control interface is CMOS/
TTL compatible, and accepts either a three wire serial
input or a 5 bit parallel word. The HMC628LP4(E) also
features a user selectable power up state and a serial
output port for cascading other Hittite serial controlled
components. The HMC628LP4(E) is housed in a
RoHS compliant 4x4 mm QFN leadless package, and
is available in three evaluation board configurations,
depending on the application frequency.
Parameter
50 - 250
250 - 500
500 - 800
MHz
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Gain (Maximum Gain State)
13
15
12.8
14
10.5
13
dB
Gain Control Range
23
23
23
dB
Input Return Loss
12
10
10
dB
Output Return Loss
10
12.5
9
dB
Gain Accuracy: (Referenced to Maximum Gain State)
± (0.1 + 1% of Gain
Setting )Max
± (0.4 + 2% of Gain
Setting )Max
± (0.4 + 4% of Gain
Setting )Max
dB
Output Power for 1dB Compression
19
19.5
16
18
14
18
dBm
Output Third Order Intercept Point
35 [1]
33 [2]
32 [3]
dBm
Output Second Order Intercept Point
46 [1]
54 [2]
55 [3]
dBm
Harmonics
2nd
3rd
46
69
55
75
62
83
dBc
dBc
Switching Characteristics
tRISE, tFALL (10 / 90% RF)
11
18
ns
ns
tON, tOFF ( Latch Enable to 10 / 90% RF)
Noise Figure
5
6
6.5
dB
Supply Current (Idd)
6585
6585
6585
mA
[1] Two-Tone Output Power @ 5 dBm
[2] Two-Tone Output Power @ 2 dBm
[3] Two-Tone Output Power @ 0 dBm
Typical Applications
Features
General Description
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC628LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC628LP4 HITTITE-HMC628LP4 Datasheet
624Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
HMC628LP4E HITTITE-HMC628LP4E Datasheet
624Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
More results

Similar Description - HMC628LP4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC628LP4 HITTITE-HMC628LP4 Datasheet
624Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
HMC680LP4 HITTITE-HMC680LP4_10 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
logo
BeRex Corporation
BVA518 BEREX-BVA518 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com