Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC628LP4 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC628LP4
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC628LP4 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC628LP4 Datasheet HTML 6Page - Analog Devices HMC628LP4 Datasheet HTML 7Page - Analog Devices HMC628LP4 Datasheet HTML 8Page - Analog Devices HMC628LP4 Datasheet HTML 9Page - Analog Devices HMC628LP4 Datasheet HTML 10Page - Analog Devices HMC628LP4 Datasheet HTML 11Page - Analog Devices HMC628LP4 Datasheet HTML 12Page - Analog Devices HMC628LP4 Datasheet HTML 13Page - Analog Devices HMC628LP4 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
12 - 46
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Application Circuit
Tuned Frequency
50 - 250 MHz
250 - 500 MHz
500 - 800 MHz
Evaluation Board P/N
118415
120101
120102
C6
1 nF
33 pF
33 pF
L3
0 Ohms
15 nH
12 nH
C14
N/A
4.7 pF
1.5 pF
Components For Selected Frequencies
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com