Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC628LP4 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC628LP4
Description  BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC628LP4 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC628LP4 Datasheet HTML 5Page - Analog Devices HMC628LP4 Datasheet HTML 6Page - Analog Devices HMC628LP4 Datasheet HTML 7Page - Analog Devices HMC628LP4 Datasheet HTML 8Page - Analog Devices HMC628LP4 Datasheet HTML 9Page - Analog Devices HMC628LP4 Datasheet HTML 10Page - Analog Devices HMC628LP4 Datasheet HTML 11Page - Analog Devices HMC628LP4 Datasheet HTML 12Page - Analog Devices HMC628LP4 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
12 - 42
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Absolute Maximum Ratings
RF Input Power
20 dBm
RF Output Power
22 dBm
Digital Inputs (B0-B4, Shift Clock,
Latch Enable & Data Input)
-0.5V to Vdd +0.5V
Bias Voltage (Vdd)
5.6 V
Junction Temperature
125 °C
Continuous Pdiss (T = 85 °C)
(derate 13.5 mW/°C above 85 °C) [1]
0.54 W
Thermal Resistance
(Junction to ground paddle)
74.3 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Bias Voltage
Vdd (V)
Idd (Typ.) (mA)
5V
65
PUP Truth Table
LE
PUP1
PUP2
Gain Relative to
Maximum Gain
000
Insertion Loss
010
-8
001
-16
011
-23
1
X
X
0 to -23 dB
Note: Power-Up with LE= 1 provides direct parallel operation with
B4-B0.
Power-Up States
If LE is set to logic LOW at power-up, the logic state of
PUP1 and PUP2 determines the power-up state of the
part per PUP truth table. If the LE is set to logic HIGH
at power-up, the logic state of B4-B0 determines the
power-up state of the part per truth table. The DVGA
latches in the desired power-up state approximately
200 ms after power-up.
Power-On Sequence
The ideal power-up sequence is: GND, Vdd, digital
inputs, RF inputs. The relative order of the digital
inputs are not important as long as they are powered
after Vdd / GND
ATTENUATION
(dB)
B4[1]
B3[1]
B2
B1
B0
0
00000
1
00001
2
00010
3
00011
4
00100
5
00101
6
00110
7
00111
8
01000
9
01001
10
01010
11
01011
12
01100
13
01101
14
01110
15
01111
16
1X0
0
0
17
1X0
0
1
18
1X0
1
0
19
1X0
1
1
20
1X1
0
0
21
1X1
0
1
22
1X1
1
0
23
1X1
1
1
[1] Enabling B4 disables B3, the minimum attenuation is 16 dB
Truth Table
HMC628LP4 / 628LP4E
v07.0410
BiCMOS MMIC 5-Bit DIGITAL
VARIABLE GAIN AMPLIFIER, 50 - 800 MHz
Control Voltage Table
State
Vdd = +3V
Vdd = +5V
Low
0 to 0.5V @ <1 μA
0 to 0.8V @ <1 μA
High
2 to 3V @ <1 μA
2 to 5V @ <1 μA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com