Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1007H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1007H
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007H Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1007H Datasheet HTML 1Page - NXP Semiconductors MMRF1007H Datasheet HTML 2Page - NXP Semiconductors MMRF1007H Datasheet HTML 3Page - NXP Semiconductors MMRF1007H Datasheet HTML 4Page - NXP Semiconductors MMRF1007H Datasheet HTML 5Page - NXP Semiconductors MMRF1007H Datasheet HTML 6Page - NXP Semiconductors MMRF1007H Datasheet HTML 7Page - NXP Semiconductors MMRF1007H Datasheet HTML 8Page - NXP Semiconductors MMRF1007H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1007HR5 MMRF1007HSR5
C6
Figure 2. MMRF1007HR5(HSR5) Test Circuit Schematic
Z13, Z14
0.143 x 0.631
Z15, Z16
0.135 x 0.631
Z17, Z18
0.102 x 0.632
Z19, Z20
0.130 x 0.631
Z21, Z22
0.736 x 0.215
Z23
0.410 x 0.083
PCB
Arlon CuClad 250GX--0300--55--22, 0.030, r =2.55
Z1
0.140 x 0.083
Z2
0.300 x 0.083
Z3, Z4
0.746 x 0.220
Z5, Z6
0.075 x 0.631
Z7, Z8
0.329 x 0.631
Z9, Z10
0.326 x 0.631
Z11, Z12
0.240 x 0.631
RF
INPUT
Z7
C10
Z8
Z1
DUT
VSUPPLY
Z12
RF
OUTPUT
Z23
C17
Z15
C22
C23
+
BALUN 1
BALUN 2
Z21
Z9
C18
C19
C20
Z22
Z16
C15
C12
C3
C1
C4
Z11
C21
C24
+
VBIAS
+
C2
R1
Z10
Z5
Z6
Z3
Z4
C11
Z2
C9
L1
Z19
Z20
R2
C7
C5
C8
VBIAS
+
C16
Z13
Z14
Z17
Z18
C13
L2
VSUPPLY
C26
C27
+
C25
C28
+
C14
Table 5. MMRF1007HR5(HSR5) Test Circuit Component Designations and Values
Part
Description
Manufacturer
Part Number
Balun 1, 2
Balun Anaren
3A412
Anaren
C1, C5
22 F, 25 V Tantalum Capacitors
TPSD226M025R
AVX
C2, C6
2.2 F, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C3, C7
0.22 F, 100 V Chip Capacitors
C1210C224K1RAC
Kemet
C4, C8, C17, C18, C19,
C20, C21, C25
36 pF Chip Capacitors
ATC100B360JT500XT
ATC
C9
1.0 pF Chip Capacitor
ATC100B1R0CT500XT
ATC
C12, C16
0.8--8.0 pF Variable Capacitors
27291SL
Johanson
C10, C11, C13, C14, C15
5.1 pF Chip Capacitors
ATC100B5R1CT500XT
ATC
C22, C26
0.022 F, 100 V Chip Capacitors
C1825C223K1GAC
Kemet
C23, C24, C27, C28
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
L1, L2
Inductors 3 Turn
GA3094--AL
Coilcraft
R1, R2
1000 , 1/3 W Chip Resistors
CRCW12101001FKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com