Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1007H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF1007H
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF1007H Datasheet HTML 2Page - NXP Semiconductors MMRF1007H Datasheet HTML 3Page - NXP Semiconductors MMRF1007H Datasheet HTML 4Page - NXP Semiconductors MMRF1007H Datasheet HTML 5Page - NXP Semiconductors MMRF1007H Datasheet HTML 6Page - NXP Semiconductors MMRF1007H Datasheet HTML 7Page - NXP Semiconductors MMRF1007H Datasheet HTML 8Page - NXP Semiconductors MMRF1007H Datasheet HTML 9Page - NXP Semiconductors MMRF1007H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMRF1007HR5 MMRF1007HSR5
TYPICAL CHARACTERISTICS
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
100
10
40
Coss
Crss
Measured with 30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
22
1
0
60
10
18
50
40
30
Pout, OUTPUT POWER (WATTS) PEAK
Figure 5. Power Gain and Drain Efficiency
versus Output Power
D
17
16
1000
10000
Gps
20
19
21
100
10
VDD =50 Vdc
IDQ = 150 mA
f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
21.5
500
Pout, OUTPUT POWER (WATTS) PEAK
Figure 6. Power Gain versus Output Power
700
800
900
1000
P3dB = 1182 W (60.7 dBm)
Actual
Ideal
VDD =50 Vdc
IDQ = 150 mA
f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
17
25
10
20
19
Pout, OUTPUT POWER (WATTS) PEAK
Figure 7. Power Gain versus Output Power
100
18
IDQ = 6000 mA
1000
10000
1500 mA
150 mA
375 mA
750 mA
21
22
Figure 8. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEAK
VDD =30 V
23
0
16
35 V
20
45 V
200
400
600
800
1000
1200
1400
50 V
40 V
18
Note: Each side of device measured separately.
20
22
600
P1dB = 1065 W (60.3 dBm)
3000 mA
22
17
19
21
IDQ = 150 mA, f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
45
40
65
20
25_C
35
25
55
50
Pin, INPUT POWER (dBm) PEAK
Figure 9. Output Power versus Input Power
30
40
60
45
VDD =50 Vdc
IDQ = 150 mA
f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
16
23
24
VDD =50 Vdc
f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
85_C
TC =--30_C
1300
1200
1100
21
20.5
20
19.5
19
18.5
18
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com