Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1007H Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MMRF1007H
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007H Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MMRF1007H Datasheet HTML 6Page - NXP Semiconductors MMRF1007H Datasheet HTML 7Page - NXP Semiconductors MMRF1007H Datasheet HTML 8Page - NXP Semiconductors MMRF1007H Datasheet HTML 9Page - NXP Semiconductors MMRF1007H Datasheet HTML 10Page - NXP Semiconductors MMRF1007H Datasheet HTML 11Page - NXP Semiconductors MMRF1007H Datasheet HTML 12Page - NXP Semiconductors MMRF1007H Datasheet HTML 13Page - NXP Semiconductors MMRF1007H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MMRF1007HR5 MMRF1007HSR5
TYPICAL CHARACTERISTICS — 1090 MHZ
22
10
0
60
17
50
40
30
Pout, OUTPUT POWER (WATTS) PEAK
Figure 15. Power Gain and Drain Efficiency
versus Output Power
D
16
1000
3000
Gps
20
18
20
100
VDD =50 Vdc
IDQ = 150 mA
f = 1090 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
19
21
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com