Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1314GS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF1314GS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1314GS Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF1314GS Datasheet HTML 1Page - NXP Semiconductors MMRF1314GS Datasheet HTML 2Page - NXP Semiconductors MMRF1314GS Datasheet HTML 3Page - NXP Semiconductors MMRF1314GS Datasheet HTML 4Page - NXP Semiconductors MMRF1314GS Datasheet HTML 5Page - NXP Semiconductors MMRF1314GS Datasheet HTML 6Page - NXP Semiconductors MMRF1314GS Datasheet HTML 7Page - NXP Semiconductors MMRF1314GS Datasheet HTML 8Page - NXP Semiconductors MMRF1314GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MMRF1314H MMRF1314HS MMRF1314GS
3
RF Device Data
NXP Semiconductors
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1,2) (In NXP Narrowband Production Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ(A+B) = 100 mA, Pout = 1000 W Peak
(100 W Avg.), f = 1400 MHz, 128 μsec Pulse Width, 10% Duty Cycle
Power Gain
Gps
16.0
17.7
19.5
dB
Drain Efficiency
ηD
46.0
52.1
—
%
Input Return Loss
IRL
—
–18
–9
dB
Load Mismatch/Ruggedness (In NXP Narrowband Test Fixture, 50 ohm system) IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
1400
Pulse
(128 μsec,
10% Duty Cycle)
> 20:1 at all Phase Angles
31.6 Peak
(3 dB Overdrive)
52
No Device Degradation
Table 5. Ordering Information
Device
Tape and Reel Information
Package
MMRF1314HR5
R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel
NI--1230H--4S, Eared
MMRF1314HSR5
NI--1230S--4S, Earless
MMRF1314GSR5
NI--1230GS--4L, Gull Wing
1. Measurement made with device in push--pull configuration.
2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GS) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com