Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1314GS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1314GS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1314GS Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1314GS Datasheet HTML 1Page - NXP Semiconductors MMRF1314GS Datasheet HTML 2Page - NXP Semiconductors MMRF1314GS Datasheet HTML 3Page - NXP Semiconductors MMRF1314GS Datasheet HTML 4Page - NXP Semiconductors MMRF1314GS Datasheet HTML 5Page - NXP Semiconductors MMRF1314GS Datasheet HTML 6Page - NXP Semiconductors MMRF1314GS Datasheet HTML 7Page - NXP Semiconductors MMRF1314GS Datasheet HTML 8Page - NXP Semiconductors MMRF1314GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MMRF1314H MMRF1314HS MMRF1314GS
1
RF Device Data
NXP Semiconductors
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These RF power devices are designed for pulse applications operating at
frequencies from 1200 to 1400 MHz. The devices are suitable for use in pulse
applications and are ideal for use in high power military and commercial L--Band
radar applications.
Typical Performance: In 1200–1400 MHz reference circuit, VDD =52 Vdc,
IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
ηD
(%)
1200
Pulse
(128 μsec, 10% Duty Cycle)
1130 Peak
15.5
47.5
1300
1170 Peak
17.2
47.0
1400
1000 Peak
17.0
46.5
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
1400 (1)
Pulse
(128 μsec,
10% Duty Cycle)
> 20:1 at
All Phase
Angles
31.6 Peak
(3 dB
Overdrive)
52
No Device
Degradation
1. Measured in 1400 MHz production test fixture.
Features
• Internally input and output matched for broadband operation and ease of use
• Device can be used in a single--ended, push--pull or quadrature configuration
• Qualified up to a maximum of 52 VDD operation
• High ruggedness, handles > 20:1 VSWR
• Integrated ESD protection with greater negative gate--source voltage range
for improved Class C operation and gate voltage pulsing
• Characterized with series equivalent large--signal impedance parameters
Typical Applications
• Military and commercial L--Band radar systems
Document Number: MMRF1314H
Rev. 1, 1/2017
NXP Semiconductors
Technical Data
1200–1400 MHz, 1000 W PEAK, 52 V
AIRFAST RF POWER LDMOS
TRANSISTORS
MMRF1314H
MMRF1314HS
MMRF1314GS
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
NI--1230GS--4L
MMRF1314GS
NI--1230S--4S
MMRF1314HS
NI--1230H--4S
MMRF1314H
Note: The backside of the package is the
source terminal for the transistor.
© 2017 NXP B.V.


Similar Part No. - MMRF1314GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1310H NXP-MMRF1310H Datasheet
570Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1310HR5 NXP-MMRF1310HR5 Datasheet
570Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1310HSR5 NXP-MMRF1310HSR5 Datasheet
570Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 7/2014
MMRF1312GS NXP-MMRF1312GS Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
More results

Similar Description - MMRF1314GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com