Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1314GS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1314GS
Description  RF Power LDMOS Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1314GS Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1314GS Datasheet HTML 1Page - NXP Semiconductors MMRF1314GS Datasheet HTML 2Page - NXP Semiconductors MMRF1314GS Datasheet HTML 3Page - NXP Semiconductors MMRF1314GS Datasheet HTML 4Page - NXP Semiconductors MMRF1314GS Datasheet HTML 5Page - NXP Semiconductors MMRF1314GS Datasheet HTML 6Page - NXP Semiconductors MMRF1314GS Datasheet HTML 7Page - NXP Semiconductors MMRF1314GS Datasheet HTML 8Page - NXP Semiconductors MMRF1314GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
RF Device Data
NXP Semiconductors
MMRF1314H MMRF1314HS MMRF1314GS
TYPICAL CHARACTERISTICS
50
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
30
10
1
40
Crss
100
Measured with ±30 mV(rms) ac @ 1 MHz VGS =0 Vdc
IDQ(A+B) = 100 mA
Figure 3. Normalized VGS versus Quiescent
Current and Case Temperature
TC, CASE TEMPERATURE (°C)
1.06
1.04
1.02
1
0.98
0.96
0.94
100
–50
0
–25
25
50
75
500 mA
1500 mA
2500 mA
VDD =50 Vdc
100
–2.06
IDQ (mA)
Slope (mV/°C)
500
–1.96
1500
–1.94
2500
–1.72
0.92
1.08
300
Note: Each side of device measured separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com