Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLIPCHIP11 Datasheet(PDF) 6 Page - STMicroelectronics

Part # FLIPCHIP11
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLIPCHIP11 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FLIPCHIP11 Datasheet HTML 2Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 3Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 4Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 5Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 6Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 7Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 8Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 9Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ST4G3234
6/11
Table 9: Capacitance Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per circuit)
Figure 4: Test Circuit
CL = 30pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Table 10: Waveform Symbol Value
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
CINB
Input Capacitance
open
open
7
pF
CO
Output Capacitance
2.5
3.3
9
pF
CPD
Power Dissipation
Capacitance
2.5
3.3
f=10MHz
28
pF
1.8
3.3
28
1.4
2.5
25
1.4
1.8
21
3.3
1.8
28
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.0 to 3.6V
2.3 to 2.7V
1.65 to 1.95V
VIH
VCC
VCC
VCC
VM
1.5V
VCC/2
VCC/2
VX
VOL +0.3V
VOL +0.15V
VOL +0.15V
VY
VOL -0.3V
VOL -0.15V
VOL -0.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com