Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLIPCHIP11 Datasheet(PDF) 4 Page - STMicroelectronics

Part # FLIPCHIP11
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLIPCHIP11 Datasheet(HTML) 4 Page - STMicroelectronics

  FLIPCHIP11 Datasheet HTML 1Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 2Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 3Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 4Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 5Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 6Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 7Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 8Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ST4G3234
4/11
Table 6: DC Specification
(*) VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)(*)
VCCA
(V)(*)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHB
High Level Input
Voltage (Bn)
1.4
1.4
to
3.6V
0.65VCCB
0.65VCCB
V
1.8
0.65VCCB
0.65VCCB
2.5
1.6
1.6
3.3
2.0
2.0
VILB
Low Level Input
Voltage (Bn)
1.4
1.4
to
3.6V
0.35VCCB
0.35VCCB
V
1.8
0.35VCCB
0.35VCCB
2.5
0.7
0.7
3.3
0.8
0.8
VOHA
High Level
Output Voltage
1.4
to
3.6V
1.4
IO=-100µA
1.2
1.2
V
2.75
IO=-10mA
2.2
2.2
2.3
IO=-8mA
2.0
2.0
1.65
IO=-6mA
1.4
1.4
1.4
IO=-2mA
1.1
1.1
VOLA
Low Level
Output Voltage
1.4
to
3.6V
1.4
IO=100µA
0.2
0.2
V
2.75
IO=10mA
0.55
0.55
2.3
IO=8mA
0.30
0.30
1.65
IO=6mA
0.25
0.25
1.4
IO=2mA
0.20
0.20
IIB
Input Leakage
Current
2.7
3.6
VIB =VCCB or GND
± 0.5
± 5
µA
1.4
2.7
VIB =3.6V or GND
± 0.5
± 5
µA
IOFF
Power Off
Leakage Current
00
VIB=GND to 3.6V
VOA=GND to 3.6V
± 1.0
± 10
µA
ICCtB
Quiescent
Supply Current
1.4
to
3.6V
1.4
to
3.6V
VIB =VCCB or GND
0.5
5
µA
ICCtA
Quiescent
Supply Current
1.4
to
3.6V
1.4
to
3.6V
VIB =VCCB or GND
0.5
5
µA
∆ICCtB Maximum
Quiescent
Supply Current /
Input (Bn)
2.7
3.6
VIB =VCCB - 0.6V
VIB =VCCB or GND
0.75
mA
1.95
3.6
1.95
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com