Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLIPCHIP11 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLIPCHIP11
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLIPCHIP11 Datasheet(HTML) 2 Page - STMicroelectronics

  FLIPCHIP11 Datasheet HTML 1Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 2Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 3Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 4Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 5Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 6Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 7Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 8Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ST4G3234
2/11
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Figure 3: Pin Connection (top through view)
PIN°
SYMBOL
NAME AND FUNCTION
A1
A4
Data Output
A3
A3
Data Output
A5
A2
Data Output
A7
A1
Data Output
C1
B4
Data Input
C3
B3
Data Input
C5
B2
Data Input
C7
B1
Data Input
B2
GND
Ground (0V)
B6
VCCA
Positive Supply Voltage
B4
VCCB
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com