Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8143ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8143ACPZ-R2
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8143ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8143
Rev. A | Page 5 of 24
VS = ±5 V, TA = 25°C, REF = 0 V, RL = 150 Ω, CL = 2 pF, G = 1, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 0.2 V p-p
230
MHz
VOUT = 2 V p-p
130
MHz
Bandwidth for 0.1dB Flatness
VOUT = 0.2 V p-p
45
MHz
Slew Rate
VOUT = 2 V p-p, RL = 1 kΩ
1000
V/µs
Settling Time
VOUT = 2 V p-p, 1%
10
ns
VOUT = 2 V p-p, 0.1%
23
ns
Output Overdrive Recovery
50
ns
NOISE/DISTORTION
Second Harmonic
VOUT = 1 V p-p, 1 MHz
−68
dBc
Third Harmonic
VOUT = 1 V p-p, 1 MHz
−82
dBc
Crosstalk
VOUT = 1 V p-p, 10 MHz
−70
dB
Input Voltage Noise (RTI)
f ≥ 10 kHz
14
nV/√Hz
Differential Gain Error
NTSC, 200 IRE, RL ≥ 150 Ω
0.3
%
Differential Phase Error
NTSC, 200 IRE, RL ≥ 150 Ω
0.6
Degrees
INPUT CHARACTERISTICS
Common-Mode Rejection
DC, VCM = −3.5 V to +3.5 V
84
90
dB
VCM = 1 V p-p, f = 10 MHz
65
dB
VCM = 1 V p-p, f = 100 MHz
28
dB
Common-Mode Voltage Range
V+IN − V−IN = 0 V
±3.8
V
Differential Operating Range
±2.5
V
Resistance
Differential
5
MΩ
Common-mode
3
MΩ
Capacitance
Differential
2
pF
Common-mode
3
pF
DC PERFORMANCE
Open-Loop Gain
VOUT = ±1 V
70
dB
Closed-Loop Gain Error
DC
0.25
%
Input Offset Voltage
−3.7
+3.7
mV
TMIN to TMAX
15
µV/°C
Input Bias Current (+IN, −IN)
−3.0
+2.7
µA
Input Bias Current (REF, FB)
−4.3
+3.0
µA
Input Bias Current Drift
TMIN to TMAX (+IN, −IN, REF, FB)
16
nA/°C
Input Offset Current
(+IN, −IN, REF, FB)
−2.9
1.9
µA
Input Offset Current Drift
TMIN to TMAX
±3
nA/°C
OUTPUT PERFORMANCE
Voltage Swing
RLOAD = 150 Ω
−3.53
+3.53
V
Output Current
40
mA
Short Circuit Current
Short to GND, source/sink
107/147
mA
COMPARATOR PERFORMANCE
VOH
RL = 10 kΩ
3.02
3.14
V
VOL
RL = 10 kΩ
0.19
0.25
V
Hysteresis Width
32
mV
Input Bias Current
Input driven low
3.5
µA
Propagation Delay, tPLH
20
ns
Propagation Delay, tPHL
15
ns
Output Rise Time
10% to 90%
15
ns
Output Fall Time
10% to 90%
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com