Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8143ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8143ACPZ-R2
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8143ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8143
Data Sheet
Rev. A | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 GND
23 OUT_B
22 OUT_G
21 OUT_R
20 VS+
19 COMPB_IN+
18 COMPB_IN–
17 GND
1
2
3
4
5
6
7
8
GND
REF_G
FB_G
IN+_G
IN–_G
REF_R
FB_R
GND
AD8143
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD ON THE UNDERSIDE OF THE
DEVICE MUST BE CONNECTED TO GROUND.
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9,16, 17, 24, 25, 32
GND
Signal Ground and Thermal Plane Connection (See the Applications Information Section)
2
REF_G
Reference Input, Green Channel
3
FB_G
Feedback Input, Green Channel
4
IN+_G
Noninverting Input, Green Channel
5
IN−_G
Inverting Input, Green Channel
6
REF_R
Reference Input, Red Channel
7
FB_R
Feedback Input, Red Channel
10
IN+_R
Noninverting Input, Red Channel
11
IN−_R
Inverting Input, Red Channel
12
COMPA_IN+
Positive Input, Comparator A
13
COMPA_IN−
Negative Input, Comparator A
14
COMPA_OUT
Output, Comparator A
15
COMPB_OUT
Output, Comparator B
18
COMPB_IN−
Negative Input, Comparator B
19
COMPB_IN+
Positive Input, Comparator B
20
VS+
Positive Power Supply
21
OUT_R
Output, Red Channel
22
OUT_G
Output, Green Channel
23
OUT_B
Output, Blue Channel
26
VS−
Negative Power Supply
27
DIS/PD
Disable/Power Down
28
REF_B
Reference Input, Blue Channel
29
FB_B
Feedback Input, Blue Channel
30
IN+_B
Noninverting Input, Blue Channel
31
IN−_B
Inverting Input, Blue Channel
0
EPAD
Exposed Pad. The exposed pad on the underside of the device must be connected to
ground (see the Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com