Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8143ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8143ACPZ-R2
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8143ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Speed, Triple Differential
Receiver with Comparators
Data Sheet
AD8143
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
160 MHz large signal bandwidth
1000 V/µs slew rate at G = 1, VO = 2 V p-p
High CMRR: 65 dB at 10 MHz
High differential input impedance: 5 MΩ
Input common-mode range: ±10.5 V (±12 V supplies)
User-adjustable gain
Wide power supply range: +5 V to ±12 V
Fast settling: 8 ns to 1%
Disable feature
Low offset: ±3.4 mV on 5 V supply
2 on-chip comparators
Small packaging: 32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
RGB video receivers
Keyboard-video-mouse (KVM)
Unshielded twisted pair (UTP) receivers
PIN CONFIGURATION
REF_G
GND
IN+_G
FB_G
REF_R
IN–_G
GND
FB_R
OUT_B
GND
OUT_R
OUT_G
COMPB_IN+
VS+
GND
COMPB_IN–
AD8143
A
B
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Figure 1.
GENERAL DESCRIPTION
The AD8143 is a triple, low cost, differential-to-single-
ended receiver specifically designed for receiving red-
green-blue (RGB) signals over twisted pair cable. It can
also be used for receiving any type of analog signal or
high speed data transmission. Two auxiliary comparators
are provided to receive digital or sync signals. The
AD8143 can be used in conjunction with the AD8133
and AD8134 triple, differential drivers to provide a
complete low cost solution for RGB over Category-5
UTP cable applications, including KVM.
The excellent common-mode rejection (65 dB at
10 MHz) of the AD8143 allows for the use of low cost
unshielded twisted pair cables in noisy environments.
The AD8143 has a wide power supply range from single +5 V
supply to ±12 V, which allows for a wide common-mode range.
The wide common-mode input range of the AD8143 maintains
signal integrity in systems where the ground potential is a few
volts different between the drive and receive ends without the
use of isolation transformers.
The AD8143 is stable at a gain of 1. Closed-loop gain is easily
set using external resistors.
The AD8143 is available in a 5 mm × 5 mm, 32-lead LFCSP and
is rated to work over the extended industrial temperature range
of −40°C to +85°C.


Similar Part No. - AD8143ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143ACPZ-R2 AD-AD8143ACPZ-R2 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
More results

Similar Description - AD8143ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
HIGH-SPEED DIFFERENTIAL RECEIVER
logo
Analog Devices
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
High Speed Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com