Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP606
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 3Page - Analog Devices ADCMP606 Datasheet HTML 4Page - Analog Devices ADCMP606 Datasheet HTML 5Page - Analog Devices ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADCMP606/ADCMP607
Rev. C | Page 7 of 14
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Q
1
VEE 2
VP 3
Q
6
VCCI/VCCO
5
VN
4
ADCMP606
TOP VIEW
(Not to Scale)
Figure 3. ADCMP606 Pin Configuration
Table 5. ADCMP606 (6-Lead SC70) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than
the analog voltage at the inverting input, VN.
2
VEE
Negative Supply Voltage.
3
VP
Noninverting Analog Input.
4
VN
Inverting Analog Input.
5
VCCI/VCCO
Input Section Supply/Output Section Supply. Shared pin.
6
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VIN.
VCCO
VCCI
VEE
VEE
LE/HYS
SDN
9
8
7
1
2
3
ADCMP607
TOP VIEW
NOTES
1. EXPOSED PAD. IF CONNECTED, THE EPAD MUST BE CONNECTED TO VEE.
THE METALLIC BACK SURFACE OF THE PACKAGE IS ELECTRICALLY
CONNECTED TO VEE. IT CAN BE LEFT FLOATING BECAUSE PIN 3, PIN 5,
PIN 9, AND PIN 11 PROVIDE ADEQUATE ELECTRICAL CONNECTION. IT CAN
ALSO BE SOLDERED TO THE APPLICATION BOARD IF IMPROVED THERMAL
AND/OR MECHANICAL STABILITY IS DESIRED.
Figure 4. ADCMP607 Pin Configuration
Table 6. ADCMP607 (12-Lead LFCSP) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCCO
Output Section Supply.
2
VCCI
Input Section Supply.
3, 5, 9, 11
VEE
Negative Supply Voltage.
4
VP
Noninverting Analog Input.
6
VN
Inverting Analog Input.
7
SDN
Shutdown. Drive this pin low to shut down the device.
8
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch.
10
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN, if the comparator is in compare mode.
12
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than
the analog voltage at the inverting input, VN, if the comparator is in compare mode.
EPAD
Exposed Pad. If connected, the EPAD must be connected to VEE. The metallic back surface of the package
is electrically connected to VEE. It can be left floating because Pin 3, Pin 5, Pin 9, and Pin 11 provide
adequate electrical connection. It can also be soldered to the application board if improved thermal
and/or mechanical stability is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com