Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP606
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP606 Datasheet HTML 1Page - Analog Devices ADCMP606 Datasheet HTML 2Page - Analog Devices ADCMP606 Datasheet HTML 3Page - Analog Devices ADCMP606 Datasheet HTML 4Page - Analog Devices ADCMP606 Datasheet HTML 5Page - Analog Devices ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Single-Supply CML Comparators
Data Sheet
ADCMP606/ADCMP607
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully specified rail to rail at VCCI = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCCI + 0.2 V
CML-compatible output stage
1.25 ns propagation delay
50 mW at 2.5 V power supply
Shutdown pin
Single-pin control for programmable hysteresis and latch
(ADCMP607 only)
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
Pulse spectroscopy
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
Automatic test equipment (ATE)
GENERAL DESCRIPTION
The ADCMP606 and ADCMP607 are very fast comparators
fabricated on XFCB2, an Analog Devices, Inc., proprietary
process. These comparators are exceptionally versatile and easy
to use. Features include an input range from VEE − 0.5 V to
VCCI + 0.2 V, low noise, CML-compatible output drivers, and
TTL-/CMOS-compatible latch inputs with adjustable hysteresis
and/or shutdown inputs.
The devices offer 1.25 ns propagation delay with 2.5 ps rms
random jitter (RJ). Overdrive and slew rate dispersion are
typically less than 50 ps.
A flexible power supply scheme allows the devices to operate
with a single +2.5 V positive supply and a −0.5 V to +2.7 V
input signal range up to a +5.5 V positive supply with a −0.5 V
to +5.7 V input signal range. The ADCMP607 features split
input/output supplies with no sequencing restrictions to
support a wide input signal range with independent output
swing control and power savings.
The CML-compatible output stage is fully back-matched for
superior performance. The comparator input stage offers robust
protection against large input overdrive, and the outputs do not
phase reverse when the valid input signal range is exceeded. On
the ADCMP607, latch and programmable hysteresis features are
also provided with a unique single-pin control option.
The ADCMP606 is available in a 6-lead SC70 package and the
ADCMP607 is available in a 12-lead LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VN INVERTING
INPUT
SDN INPUT (ADCMP607 ONLY)
VCCI
VCCO
(ADCMP607 ONLY)
Q OUTPUT
Q OUTPUT
LE/HYS INPUT (ADCMP607 ONLY)
ADCMP606/
ADCMP607
CML
Figure 1.


Similar Part No. - ADCMP606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Mar-2006
ADCMP606 AD-ADCMP606 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP606 AD-ADCMP606 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP606BKSZ-R2 AD-ADCMP606BKSZ-R2 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP606BKSZ-R2 AD-ADCMP606BKSZ-R2 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
More results

Similar Description - ADCMP606

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
Single-Supply Comparators
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com