Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP606
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 4Page - Analog Devices ADCMP606 Datasheet HTML 5Page - Analog Devices ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices ADCMP606 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADCMP606/ADCMP607
Data Sheet
Rev. C | Page 8 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25°C, unless otherwise noted.
–800
–600
–400
–200
0
200
400
600
800
LE/HYS PIN (V)
–1
0
1
2
3
4
5
6
7
VCC = 5.5V
VCC = 2.5V
Figure 5. LE/HYS Pin Current vs. Voltage
SDN PIN (V)
–150
–100
–50
0
50
100
150
200
–1
0
1
2
3
4
5
6
7
VCC = 5.5V
VCC = 2.5V
Figure 6. SDN Pin Current vs. Voltage
VCM AT VCC = 2.5V
–10
–8
–6
–4
–2
0
2
4
6
8
10
+125°C
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40°C
+25°C
Figure 7. Input Bias Current vs. Input Common-Mode Voltage
0
50
100
150
200
250
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
LE/HYS PIN CURRENT (µA)
+25°C
+125°C
–40°C
Figure 8. Hysteresis vs. LE/HYS Pin Current
HYS RESISTOR (kΩ)
0
50
100
150
200
250
300
350
400
50
100 150 200 250 300 350 400 450 500 550 600
650
VCC = 2.5V
Figure 9. Hysteresis vs. Hysteresis Resistor
OVERDRIVE (mV)
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140
PROPAGATION DELAY RISE
PROPAGATION DELAY FALL
Figure 10. Propagation Delay vs. Input Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com