Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606BKSZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP606BKSZ-R2
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606BKSZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP606BKSZ-R2 Datasheet HTML 1Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 2Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADCMP606/ADCMP607
Rev. C | Page 3 of 14
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = −40°C to +125°C, typical at TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Voltage Range
VP, VN
VCCI = 2.5 V to 5.5 V
−0.5
VCCI + 0.2
V
Common-Mode Range
VCCI = 2.5 V to 5.5 V
−0.2
VCCI + 0.2
V
Differential Voltage
VCCI = 2.5 V to 5.5 V
VCCI
V
Offset Voltage
VOS
−5.0
+5.0
mV
Bias Current
IP, IN
−5.0
±2
+5.0
µA
Offset Current
−2.0
2.0
µA
Capacitance
CP, CN
1
pF
Resistance, Differential Mode
−0.1 V to VCCI
200
700
kΩ
Resistance, Common Mode
−0.5 V to VCCI + 0.5 V
100
350
kΩ
Active Gain
AV
85
dB
Common-Mode Rejection Ratio
CMRR
VCCI = 2.5 V, VCCO = 2.5 V,
VCM = −0.2 V to +2.7 V
50
dB
VCCI = 2..5 V, VCCO = 5.5 V
50
dB
Hysteresis
RHYS = ∞
<0.1
mV
LATCH ENABLE PIN CHARACTERISTICS
(ADCMP607 Only)
VIH
Hysteresis is shut off
2.0
VCCO
V
VIL
Latch mode guaranteed
−0.2
+0.4
+0.8
V
IIH
VIH = VCCO
−6
+6
µA
IIL
VIL = 0.4 V
−0.1
+0.1
mA
HYSTERESIS MODE AND TIMING
Hysteresis Mode Bias Voltage
Current sink 0 µA
1.145
1.25
1.35
V
Minimum Resistor Value
Hysteresis = 120 mV
55
75
110
kΩ
Latch Setup Time
tS
VOD = 50 mV
−1.5
ns
Latch Hold Time
tH
VOD = 50 mV
2.3
ns
Latch-to-Output Delay
tPLOH, tPLOL
VOD = 50 mV
30
ns
Latch Minimum Pulse Width
tPL
VOD = 50 mV
25
ns
SHUTDOWN PIN CHARACTERISTICS
(ADCMP607 Only)
VIH
Comparator is operating
2.0
VCCO
V
VIL
Shutdown guaranteed
−0.2
+0.4
+0.6
V
IIH
VIH = VCCO
−6
+6
µA
IIL
VIL = 0 V
−0.1
mA
Sleep Time
tSD
10% output swing
<1
ns
Wake-Up Time
tH
VOD = 100 mV, output valid
35
ns
DC OUTPUT CHARACTERISTICS
VCCO = 2.5 V to 5.5 V
Output Voltage High Level
VOH
50 Ω terminate to VCCO
VCCO − 0.1
VCCO − 0.05
VCCO
V
Output Voltage Low Level
VOL
50 Ω terminate to VCCO
VCCO − 0.6
VCCO − 0.45
VCCO − 0.3
V
Output Voltage Differential
50 Ω terminate to VCCO
300
400
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com