Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606BKSZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP606BKSZ-R2
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606BKSZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP606BKSZ-R2 Datasheet HTML 1Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 2Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADCMP606/ADCMP607
Rev. C | Page 5 of 14
TIMING INFORMATION
Figure 2 illustrates the ADCMP606/ADCMP607 latch timing relationships. Table 2 provides definitions of the terms shown in Figure 2.
1.1V
50%
VN ± VOS
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
tH
tPDL
tPLOH
tF
VIN
VOD
tS
tPL
50%
Q OUTPUT
tPDH
tPLOL
tR
Figure 2. System Timing Diagram
Table 2. Timing Descriptions
Symbol
Symbol Description
Timing Description
tF
Output fall time
Amount of time required to transition from a high to a low output as measured at the 20%
and 80% points.
tH
Minimum hold time
Minimum time after the negative transition of the latch enable signal that the input signal
must remain unchanged to be acquired and held at the outputs.
tPDH
Input to output high delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output low-to-high transition.
tPDL
Input to output low delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output high-to-low transition.
tPL
Minimum latch enable pulse width
Minimum time that the latch enable signal must be high to acquire an input signal
change.
tPLOH
Latch enable to output high delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output low-to-high transition.
tPLOL
Latch enable to output low delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output high-to-low transition.
tR
Output rise time
Amount of time required to transition from a low to a high output as measured at the 20%
and 80% points.
tS
Minimum setup time
Minimum time before the negative transition of the latch enable signal occurs that an
input signal change must be present to be acquired and held at the outputs.
VOD
Voltage overdrive
Difference between the input voltages VA and VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com