Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606BKSZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP606BKSZ-R2
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606BKSZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP606BKSZ-R2 Datasheet HTML 2Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADCMP606BKSZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADCMP606/ADCMP607
Data Sheet
Rev. C | Page 6 of 14
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltages
Input Supply Voltage (VCCI to GND)
−0.5 V to +6.0 V
Output Supply Voltage
(VCCO to GND)
−0.5 V to +6.0 V
Positive Supply Differential
(VCCI − VCCO)
−6.0 V to +6.0 V
Input Voltages
Input Voltage
−0.5 V to VCCI + 0.5 V
Differential Input Voltage
±(VCCI + 0.5 V)
Maximum Input/Output Current
±50 mA
Shutdown Control Pin
Applied Voltage (SDN to GND)
−0.5 V to VCCO + 0.5 V
Maximum Input/Output Current
±50 mA
Latch/Hysteresis Control Pin
Applied Voltage (HYS to GND)
−0.5 V to VCCO + 0.5 V
Maximum Input/Output Current
±50 mA
Output Current
±50 mA
Temperature
Operating Temperature, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA1
Unit
ADCMP606 6-Lead SC70
426
°C/W
ADCMP607 12-Lead LFCSP
62
°C/W
1
Measurement in still air.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com