Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LP3E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices HMC674LP3E Datasheet HTML 10Page - Analog Devices HMC674LP3E Datasheet HTML 11Page - Analog Devices HMC674LP3E Datasheet HTML 12Page - Analog Devices HMC674LP3E Datasheet HTML 13Page - Analog Devices HMC674LP3E Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
HMC674LC3C/HMC674LP3E
Rev. K | Page 13 of 14
OUTLINE DIMENSIONS
TOP VIEW
SIDE VIEW
SEATING
PLANE
0.92 MAX
PIN 1
INDICATOR
3.03
2.90 SQ
2.77
PIN 1
(0.32 × 0.32)
EXPOSED
PAD
0.36
0.30
0.24
1.60
1.50 SQ
1.40
1
0.50
BSC
BOTTOM VIEW
16
5
8
9
12
13
4
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1.50
REF
2.10 BSC
Figure 17. 16-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-16-1)
Dimensions shown in millimeters
3.10
3.00 SQ
2.90
0.30
0.25
0.18
1.950
1.725 SQ
1.500
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.45
0.40
0.35
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
1.00
0.90
0.80
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT WITH JEDEC STANDARDS MO-220-VEED-4.
Figure 18. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.90 mm Package Height
(HCP-16-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Body
Material
Lead Finish
MSL
Rating2
Package
Description
Package
Option
Branding
HMC674LC3C
−40°C to +85°C
Alumina, White
Gold over Nickel
MSL3
16-Terminal LCC
E-16-1
H674
XXXX
HMC674LC3CTR
−40°C to +85°C
Alumina, White
Gold over Nickel
MSL3
16-Terminal LCC
E-16-1
H674
XXXX
HMC674LC3CTR-R5
−40°C to +85°C
Alumina, White
Gold over Nickel
MSL3
16-Terminal LCC
E-16-1
H674
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com