Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LP3E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices HMC674LP3E Datasheet HTML 10Page - Analog Devices HMC674LP3E Datasheet HTML 11Page - Analog Devices HMC674LP3E Datasheet HTML 12Page - Analog Devices HMC674LP3E Datasheet HTML 13Page - Analog Devices HMC674LP3E Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
HMC674LC3C/HMC674LP3E
Data Sheet
Rev. K | Page 14 of 14
Model1
Temperature
Range
Package Body
Material
Lead Finish
MSL
Rating2
Package
Description
Package
Option
Branding
HMC674LP3E
−40°C to +85°C
Low Stress,
Injection
Molded Plastic
100% Matte Sn
MSL1
16-Lead LFCSP
HCP-16-1
H674
XXXX
HMC674LP3ETR
−40°C to +85°C
Low Stress,
Injection
Molded Plastic
100% Matte Sn
MSL1
16-Lead LFCSP
HCP-16-1
H674
XXXX
125932-HMC674LC3C
HMC674LC3C
Evaluation Board
125932-HMC674LP3E
HMC674LP3E
Evaluation Board
1
The HMC674LC3C, the HMC674LC3CTR, the HMC674LC3CTR-R5, the HMC674LP3E, and the HMC674LP3ETR are RoHS Compliant Parts.
2
See the Absolute Maximum Ratings section.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14861-0-12/16(K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com