Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5391ACPZ-R7
Description  DC to 2.0 GHz Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5391ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADL5391
Rev. A | Page 3 of 15
SPECIFICATIONS
VPOS = 5 V, TA = 25°C, ZL = 50 Ω differential, ZPLS = ZMNS = open, GADJ = open, unless otherwise noted. Transfer function: W = XY/
1 V + Z, common mode internally set to 2.5 V nominal.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
MULTIPLICAND INPUTS (X, Y)
XPLS, XMNS, YPLS, YMNS
Differential Voltage Range
Differential, common mode = 2.5 V
2
V p-p
Common-Mode Range
For full differential range
0
2.5
V
Input Offset Voltage
DC
20
mV
vs. Temperature
−40°C to +85°C
±20
mV
Differential Input Impedance
f = dc
500
Ω
f = 2 GHz
150
Ω
Fundamental Feedthrough, X or Y
f = 50 MHz, X (Y) = 0 V, Y (X) = 0 dBm, relative to
condition where X (Y) = 1 V
−42
dB
f = 1 GHz
−35
dB
Gain
X = 50 MHz and 0 dBm, Y = 1 V
0.5
dB
X = 1 GHz and 0 dBm, Y = 1 V
−1.33
dB
DC Linearity
X to output, Y = 1 V
1
% FS
Scale Factor
X = Y = 1 V
1
V/V
CMRR
±1 V p-p, Y = 1 V, f = 50 MHz
42.1
dB
SUMMING INPUT (Z)
ZPLS, ZMNS
Differential Voltage Range
Common mode from 2.5 V down to COMM
2
V p-p
Common-Mode Range
For full differential range
0
2.5
V
Gain
From Z to W, f ≤ 10 MHz, 0 dBm, X = Y = 1 V
0.1
dB
Differential Input Impedance
f = dc
500
Ω
f = 2 GHz
150
Ω
OUTPUTS (W)
WPLS, WMNS
Differential Voltage Range
No external common mode
±2
V
Common-Mode Output
VPOS − 2.5
V
Output Noise Floor
X = Y = 1 V dc
f = 1 MHz
−133
dBm/Hz
f = 1 GHz
−133
dBm/Hz
X = Y = 0
f = 1 MHz
−138
dBm/Hz
f = 1 GHz
−138
dBm/Hz
Output Noise Voltage Spectral Density
X = Y = 0, f = 1 MHz
26.7
nV/√Hz
Output Offset Voltage
Z = 0 V differential
19
mV
vs. Temperature
±19
mV
Differential Output Impedance
f = dc
0
Ω
f = 200 MHz
75
Ω
f = 2 GHz
500
Ω
DYNAMIC CHARACTERISTICS
Frequency Range
X, Y, Z to W
0
2
GHz
Slew Rate
W from −2.0 V to +2.0 V, 150 Ω
8800
V/µs
Settling Time
X stepped from −1 V to +1 V, Z = 0 V, 150 Ω
2.1
ns
Second Harmonic Distortion
X (Y) = 0 dBm, Y (X) = 1 V, fund = 10 MHz
−60
dBc
Fund = 200 MHz
−51
dBc
Third Harmonic Distortion
X (Y) = 0 dBm, Y (X) = 1 V, fund = 10 MHz
−61.5
dBc
Fund = 200 MHz
−51.6
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com