Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5391ACPZ-R7
Description  DC to 2.0 GHz Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5391ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADL5391
Data Sheet
Rev. A | Page 14 of 15
Table 4. Evaluation Board Configuration Options
Component
Function
Part Number
Default Value
J1, J5, J6, J8
SMA connectors for single-ended, high frequency operation. If J5
and J6 are used, R9, R10, R14, and R15 should be removed. R2 and
R3 should also be populated to match the inputs. If used in broadband
operation, C4, C7, C8, and C2 need to be replaced with 0 Ω resistors.
WP, ZP, YP, XP
J2, J4, J7, J9
SMA connectors for broadband differential operation. If these are
used, baluns should be removed and jumped over using 0 Ω
resistors, and C14, C15, C18, and C20 should be removed.
WM, ZM, YM, XM
J3
SMA connector for connection to GADJ.
GADJ
T1, T2, T3, T4
Single-ended-to-differential transformation for high frequency ac
operation. If dc operation is necessary, the baluns can be removed
and jumped over using 0 Ω resistors.
TC1-1-13M+
Mini-Circuits
T3 and T4 are populated,
but the Y and Z inputs
are set up for dc operation.
C2, C4, C7, C8, C14,
C17, C18, C20
DC block capacitors.
0.1 µF, 0402 capacitors
C1, C5, C6, C9, C13,
C15, C16, C19
Not installed, dc block capacitors.
Open, 0402 capacitors
R9, R10, R14, R15, R18
Snubbing resistors.
0 Ω, 0402 resistors
R19, R20
Snubbing resistors.
0 Ω, 0603 resistors
R7, R13, R16, R17
Snubbing resistors.
Open, 0402 resistors
C10
Filter capacitor.
100 pF, 0402 capacitor
C12
Filter capacitor.
0.1 µF, 0402 capacitor
C3
Filter capacitor.
0.1 µF, 0603 capacitor
C11
Filter capacitor.
4.7 µF, 3216 capacitor
R1
Matching resistor.
56.2 Ω, 0603 resistor
R2, R3, R12
Matching resistors. Input impedance to X, Y, and Z inputs are the
same. For the same frequency, R1, R2, and R3 should be the same.
Open, 0603 resistors
R5, R6
Matching resistors.
24.9 Ω, 0402 resistors
R4
Matching resistor.
100 Ω, 0603 resistor
R8, R11
Can be used for voltage divider or filtering.
Open, 0603 resistors
SW1
Enable switch: enable = 5 V, disable = 0 V.
SW1 installed
TP1, TP2, TP4, TP5,
TP6, TP7, TP8, TP9
Green test loop.
WP_DC, WM_DC,
ZM_DC, ZP_DC, YP_DC,
YM_DC, XP_DC, XM_DC
TP13
Red test loop.
VPOS
TP12, TP14
Black test loops.
COMM
TP3, TP10, TP11
Yellow test loops.
GADJ_DC, ENBL_DC, VMID
DUT
ADL5391.
ADL5391ACPZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com