Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5391ACPZ-R7
Description  DC to 2.0 GHz Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5391ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADL5391
Rev. A | Page 13 of 15
EVALUATION BOARD
R1
56.2Ω
COMM
VPOS
VPOS
VPOS
WMNS
GADJ
ZPLS
ZMNS
WPLS
COMM
YMNS
YPLS
XMNS
XPLS
ENBL
VMID
T1
VPOS
TP13
TP
COMM
TP12
C10
100pF
C12
0.1µF
2
3
1
4
5
6
7
8
9
11
12
13
14
15
16
10
C11
4.7µF
TC1-1-13M
R5
24.9Ω
R6
24.9Ω
R4
100Ω
R12
OPEN
WP_DC
TP1
R7
OPEN
WP
J1
WM
J2
C2
0.1µF
C5
OPEN
C13
OPEN
C14
0.1µF
R11
OPEN
R19
0Ω
GADJ
J3
TC1-1-13M
R3
ZM_DC
TP4
ZP_DC
TP5
R15
0Ω
R14
0Ω
ZM
J4
ZP
J5
C9
OPEN
C8
0.1µF
C17
0.1µF
T4
C15
OPEN
OPEN
TP
COMM
TP14
R2
OPEN
R10
0Ω
R9
0Ω
T3
C16
OPEN
TC1-1-13M
YM_DC
TP7
YP_DC
TP6
YM
J7
YP
J6
C7
0.1µF
C6
OPEN
C18
0.1µF
R16
OPEN
R17
OPEN
T2
C19
OPEN
TC1-1-13M
XM_DC
TP9
XP_DC
TP8
XM
J9
XP
J8
C4
0.1µF
C1
OPEN
C20
0.1µF
WM_DC
TP2
R13
OPEN
1
3
SW1
C3
0.1µF
VMID
TP11
2
R8
OPEN
ENBL_DC
TP10
ENBL
J10
R20
0Ω
GADJ_DC
TP3
R18
0Ω
ADL5391
Figure 23. ADL5391-EVALZ Evaluation Board Schematic
Figure 24. Component Side Metal of Evaluation Board
Figure 25. Component Side Silkscreen of Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com