Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LC3CTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC674LC3CTR-R5
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LC3CTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC674LC3CTR-R5 Datasheet HTML 1Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 2Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 3Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 4Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 5Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 6Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 7Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 8Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
HMC674LC3C/HMC674LP3E
Rev. K | Page 3 of 14
SPECIFICATIONS
TA = 25°C, VCCI = 3.3 V, VCCO = 2.0 V, VEE = −3 V, VTT = 0 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
INPUT
Voltage Range
−2
+2
V
Differential Voltage
−1.75
+1.75
V
Offset Voltage (VOS)
±5
mV
Temperature Coefficient
15
µV/°C
Bias Current
15
µA
Temperature Coefficient
50
nA/°C
Offset Current
4
µA
Impedance
50
Ω
Common-Mode
350
kΩ
Differential
15
kΩ
Active Gain
48
dB
Common-Mode Rejection Ratio (CMRR)
80
dB
Hysteresis, RHYS = Infinity
±1
mV
LATCH ENABLE (LE/LE) SPECIFICATIONS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LATCH ENABLE (LE/LE)
Input Impedance
8
kΩ
Each pin
To Output Delay
tPLOL, tPLOH
85
ps
Input overdrive voltage (VOD) = 200 mV
Minimum Pulse Width
tPL
20
ps
VOD = 200 mV
Input Range
1.6
2.4
V
VOD = 200 mV
LATCH ENABLE (LE/LE) TIME
Setup
tS
45
ps
VOD = 200 mV
Hold
tH
−42
ps
DC OUTPUT SPECIFICATIONS
VCCO = 2.00 V, VTT = 0 V, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
OUTPUT VOLTAGE
High Level
VOH
1.03
1.09
1.14
V
Low Level
VOL
0.65
0.71
0.81
V
Differential Swing
440
760
980
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com