Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LC3CTR-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC674LC3CTR-R5
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LC3CTR-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC674LC3CTR-R5 Datasheet HTML 2Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 3Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 4Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 5Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 6Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 7Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 8Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 9Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HMC674LC3C/HMC674LP3E
Data Sheet
Rev. K | Page 6 of 14
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
Input (VCCI to GND)
−0.5 V to +4 V
Output (VCCO to GND)
−0.5 V to +4 V
Positive Differential (VCCI to VCCO)
−0.5 V to +3.3 V
VEE Supply to GND
−3.3 V to +0.5 V
Input Voltage
−2 V to +2 V
Differential
−2 V to +2 V
Latch Enable (LE/LE)
−0.5 V to VCCI + 0.5 V
Applied Voltage (HYS)
VEE to GND
Current
Maximum Input
±20 mA
Output
40 mA
Continuous Power Dissipation (PDISS), TA = 85°C
Derate 43.5 mW/°C Above 85°C
(HMC674LP3E)
1.74 W
Derate 20.4 mW/°C Above 85°C
(HMC674LC3C)
0.816 W
Junction Temperature
125°C
Maximum Peak Reflow Temperature1
MSL1 and MSL3
260°C
Thermal Resistance (θJC)
HMC674LP3E
23°C/W
HMC674LC3C
49°C/W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
ESD Sensitivity, Human Body Model (HBM)
Class 1A
1
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com