Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC674LC3CTR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC674LC3CTR-R5
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LC3CTR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC674LC3CTR-R5 Datasheet HTML 1Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 2Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 3Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 4Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 5Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 6Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 7Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 8Page - Analog Devices HMC674LC3CTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
HMC674LC3C/HMC674LP3E
Rev. K | Page 5 of 14
TIMING DESCRIPTIONS
Table 6.
Parameter
Symbol
Description
Input to Output High Delay
tPDH
The propagation delay measured from the time the input signal crosses the reference
(± the input offset voltage) to the 50% point of an output low to high transition.
Input to Output Low Delay
tPDL
The propagation delay measured from the time the input signal crosses the reference
(± the input offset voltage) to the 50% point of an output high to low transition.
Latch Enable (LE/LE) to Output High Delay
tPLOH
The propagation delay measured from the 50% point of the latch enable (LE/LE)
signal high to low transition to the 50% point of an output low to high transition.
Latch Enable (LE/LE) to Output Low Delay
tPLOL
The propagation delay measured from the 50% point of the latch enable (LE/LE)
signal high to low transition to the 50% point of an output high to low transition.
Minimum Hold Time
tH
The minimum time after the positive transition of the latch enable (LE/LE) signal
that the input signal must remain unchanged to be acquired and held at the outputs.
Minimum Latch Enable (LE/LE) Pulse Width
tPL
The minimum time that the latch enable (LE/LE) signal must be low to acquire an
input signal change.
Minimum Setup Time
tS
The minimum time before the positive transition of the latch enable (LE/LE) signal
that an input signal change must be present to be acquired and held at the outputs.
Output Rise Time
tR
The amount of time required to transition from a low to a high output as measured
at the 20% and 80% points.
Output Fall Time
tF
The amount of time required to transition from a high to a low output as measured
at the 20% and 80% points.
Input Overdrive Voltage
VOD
The difference between the input voltages (VINP and VINN).
Timing Diagram
LATCH ENABLE (LE)
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE (LE)
Q OUTPUT
Q OUTPUT
LATCH
TRACK
LATCH
LATCH
50%
50%
50%
VCM ± VOS
TRACK
tH
VIN
VOD
tF
tS
tPL
tPDL
tPDH
tPLOH
tPLOL
tR
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com