Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC974LC3CTR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC974LC3CTR-R5
Description  High Speed, 10 GHz Window Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC974LC3CTR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC974LC3CTR-R5 Datasheet HTML 1Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 2Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 3Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 4Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 5Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 6Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 7Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 8Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
HMC974LC3C
Rev. E | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Input Supply Voltage (VCCI to GND)
−0.5 V to +4 V
Output Supply Voltage (VCCO to GND)
−0.5 V to +4 V
Positive Supply Differential (VCCI − VCCO)
−0.5 V to +3 V
Negative Supply (VEE to GND)
−3.3 V to +0.5 V
Input Voltage
−2 V to +2 V
Differential Input Voltage
−2 V to +2 V
Output Current
40 mA
Junction Temperature
125°C
Continuous Power Dissipation (T = 85°C;
Derate 20.4 mW/°C Above 85°C)
0.816 W
Thermal Resistance (θJC)
49°C/W
Maximum Peak Reflow Temperature1
Moisture Sensitivity Level 1 (MSL1) and
Moisture Sensitivity Level 3 (MSL3)
260°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model
Class 1B
1
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com