Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC974LC3CTR-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC974LC3CTR-R5
Description  High Speed, 10 GHz Window Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC974LC3CTR-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC974LC3CTR-R5 Datasheet HTML 2Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 3Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 4Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 5Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 6Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 7Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 8Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 9Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HMC974LC3C
Data Sheet
Rev. E | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
RT
2
WIN
3
WIT
4
RB
12 ORB
11 WOUTB
10 URB
9VCCO
HMC974LC3C
TOP VIEW
(Not to Scale)
VEE
PACKAGE
BASE
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO VEE.
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RT
Termination Resistor for Reference Top.
2
WIN
Analog Input Window.
3
WIT
Common Mode Window for Termination Resistors.
4
RB
Termination Resistor Return for Reference Bottom.
5, 16
VCCI
Positive Supply Voltage Input Stage.
6
LE
Inverting Latch Enable Input.
7
LE
Noninverting Latch Enable Input.
8, 14
VEE
Negative Power Supply
9, 13
VCCO
Positive Supply Voltage Output Stage.
10
URB
Underange Output. URB is asserted low when the analog input voltage is below the RB pin voltage.
11
WOUTB
Window Output. WOUTB is asserted low when the analog input voltage is between the RB pin voltage and the
RT pin voltage.
12
ORB
Overrange output. ORB is asserted low when the analog input voltage range is above the RT pin voltage.
15
RTN
ESD Protection Return.
EPAD
Exposed Pad. The exposed pad must be connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com