Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC974LC3CTR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC974LC3CTR-R5
Description  High Speed, 10 GHz Window Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC974LC3CTR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC974LC3CTR-R5 Datasheet HTML 4Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 5Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 6Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 7Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 8Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 9Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 10Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 11Page - Analog Devices HMC974LC3CTR-R5 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HMC974LC3C
Data Sheet
Rev. E | Page 10 of 12
APPLICATIONS INFORMATION
EVALUATION BOARD
The HMC974LC3C evaluation printed circuit board (PCB)
must use RF circuit design techniques. Signal lines must have
50 Ω impedance while the package ground leads must connect
directly to the ground plane of the PCB. The exposed metal
package base must connect to VEE. Ensure the top and bottom
ground planes connect together with via holes. The evaluation
PCB shown in Figure 13 is available from Analog Devices, Inc.,
upon request.
Figure 14 shows the EVAL-HMC974LC3C schematic. Figure 15
shows the typical application circuit.
Table 5. Bill of Materials
Reference Designator
Description
J1
Eight-position vertical header
J2 to J7
K connector, SRI
J8
Terminal strip, single row, 3-pin
JP1, JP2
Two position vertical header
C1 to C3, C5, C6, C8 to C10,
C15
100 pF capacitor, 0402
C4, C7, C11
330 pF capacitor, 0402
C12 to C14
4.7 μF tantalum capacitor
TP1 to TP4
DC pin
U1
HMC974LC3C window comparator
PCB
EVAL-HMC974LC3C evaluation
board, circuit board material is
either Rogers 4350 or Arlon 25FR
Figure 13. Evaluation Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com