Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1016001 Datasheet(PDF) 2 Page - SICK AG

Part # 1016001
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016001 Datasheet(HTML) 2 Page - SICK AG

  1016001 Datasheet HTML 1Page - SICK AG 1016001 Datasheet HTML 2Page - SICK AG 1016001 Datasheet HTML 3Page - SICK AG 1016001 Datasheet HTML 4Page - SICK AG 1016001 Datasheet HTML 5Page - SICK AG 1016001 Datasheet HTML 6Page - SICK AG 1016001 Datasheet HTML 7Page - SICK AG 1016001 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KT5G-2P1221 | KT5
CONTRAST SENSORS
Ordering information
Type
Part no.
KT5G-2P1221
1016001
Other models and accessories
www.sick.com/KT5
Detailed technical data
Features
Dimensions (W x H x D)
30.4 mm x 53 mm x 80 mm
Sensing distance
20 mm 1)
Sensing distance tolerance
± 3 mm
Housing design (light emission)
Rectangular
Light source
LED, green 2)
Wave length
520 nm
Light emission
Long and short side of housing, exchangeable
Light spot size
1.5 mm x 5.5 mm
Light spot direction
Vertical 3)
Adjustment
Potentiometer
Output function
Light/dark switching
1) From front edge of lens.
2) Average service life: 100,000 h at TU = +25 °C.
3) In relation to long side of housing.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 5 Vpp 2)
Power consumption
< 80 mA 3)
Switching frequency
10 kHz 4)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Short-circuit protected.
7) Reference voltage DC 50 V.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com