Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1016001 Datasheet(PDF) 3 Page - SICK AG

Part # 1016001
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016001 Datasheet(HTML) 3 Page - SICK AG

  1016001 Datasheet HTML 1Page - SICK AG 1016001 Datasheet HTML 2Page - SICK AG 1016001 Datasheet HTML 3Page - SICK AG 1016001 Datasheet HTML 4Page - SICK AG 1016001 Datasheet HTML 5Page - SICK AG 1016001 Datasheet HTML 6Page - SICK AG 1016001 Datasheet HTML 7Page - SICK AG 1016001 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KT5G-2P1221 | KT5
CONTRAST SENSORS
Response time
50 µs 5)
Switching output
PNP
Switching output (voltage)
PNP: HIGH = VS– ≤ 2 V / LOW approx. 0 V
Switching output
Light/dark switching
Output current Imax.
100 mA 6)
Time delay
20 ms
Connection type
Male connector M12, 4-pin
Protection class
II 7)
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP67
Weight
400 g
Housing material
Zinc diecast
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Short-circuit protected.
7) Reference voltage DC 50 V.
Ambient data
Ambient operating temperature
–10 °C ... +55 °C
Ambient storage temperature
–25 °C ... +75 °C
Shock load
According to IEC 60068
UL File No.
NRKH.E181493 & NRKH7.E181493
Classifications
ECl@ss 5.0
27270906
ECl@ss 5.1.4
27270906
ECl@ss 6.0
27270906
ECl@ss 6.2
27270906
ECl@ss 7.0
27270906
ECl@ss 8.0
27270906
ECl@ss 8.1
27270906
ECl@ss 9.0
27270906
ETIM 5.0
EC001820
ETIM 6.0
EC001820
UNSPSC 16.0901
39121528
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com