Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1016001 Datasheet(PDF) 6 Page - SICK AG

Part # 1016001
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016001 Datasheet(HTML) 6 Page - SICK AG

  1016001 Datasheet HTML 1Page - SICK AG 1016001 Datasheet HTML 2Page - SICK AG 1016001 Datasheet HTML 3Page - SICK AG 1016001 Datasheet HTML 4Page - SICK AG 1016001 Datasheet HTML 5Page - SICK AG 1016001 Datasheet HTML 6Page - SICK AG 1016001 Datasheet HTML 7Page - SICK AG 1016001 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KT5G-2P1221 | KT5
CONTRAST SENSORS
Characteristic curve
KT5-2 Teach-in, KT5G, KT5W, KT5-2 Display
10
(0.39)
0
20
(0.79)
30
(1.18)
40
(1.57)
50
(1.97)
30
50
70
90
100
80
60
40
20
10
Sensing distance in mm (inch)
1
2
3
①  Sensing distance 10 mm
②  Sensing distance 20 mm
③  Sensing distance 40 mm
Recommended accessories
Other models and accessories
www.sick.com/KT5
Brief description
Type
Part no.
Universal bar clamp systems
Plate G for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-G01
2022464
Plate K for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-K01
2022718
Universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard-
ware
BEF-KHS-KH1
2022726
Mounting bar, straight, 200 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-A
4056054
Mounting bar, straight, 300 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-B
4056055
Mounting bar, L-shaped, 150 mm x 150 mm, steel, steel, zinc coated, without mounting
hardware
BEF-MS12L-A
4056052
Mounting bar, L-shaped, 250 x 250 mm, steel, steel, zinc coated, without mounting
hardware
BEF-MS12L-B
4056053
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com