Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM1405HA Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PDM1405HA
Description  Mosfet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PDM1405HA Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PDM1405HA Datasheet HTML 1Page - Kyocera Kinseki Corpotation PDM1405HA Datasheet HTML 2Page - Kyocera Kinseki Corpotation PDM1405HA Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
MOSFET
MOSFET
MOSFET
140A
140A
140A
140A 500V
500V
500V
500V
PDM1405HA
耐 圧・クラス
Grade
項
目
Rating
記 号
Symbol
PDM1405HA
単位
Unit
500
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
140(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
100(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
280(Tc=25℃)
A
全損失
Total Power Dissipation
PD
880(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base,AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PDM1405HA
PDM1405HA
PDM1405HA
PDM1405HA
質量 Approximate Weight :460g
■最大定格
最大定格
最大定格
最大定格
Maximum Ratings


Similar Part No. - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
MOSFET MODULE Dual 140A/500V
PDM1405HA NIEC-PDM1405HA Datasheet
100Kb / 3P
140A 500V
PDM1405HA NIEC-PDM1405HA_1 Datasheet
100Kb / 3P
140A 500V
logo
National Instruments Co...
PDM1405HA NI-PDM1405HA_15 Datasheet
100Kb / 3P
MOSFET
More results

Similar Description - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com