Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1744 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1744 Datasheet HTML 10Page - Linear Technology LTC1744 Datasheet HTML 11Page - Linear Technology LTC1744 Datasheet HTML 12Page - Linear Technology LTC1744 Datasheet HTML 13Page - Linear Technology LTC1744 Datasheet HTML 14Page - Linear Technology LTC1744 Datasheet HTML 15Page - Linear Technology LTC1744 Datasheet HTML 16Page - Linear Technology LTC1744 Datasheet HTML 17Page - Linear Technology LTC1744 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1744
1744f
APPLICATIO S I FOR ATIO
Input Drive Circuits
Figure 3 shows the LTC1744 being driven by an RF
transformer with a center tapped secondary. The second-
ary center tap is DC biased with VCM, setting the ADC input
signal at its optimum DC level. Figure 3 shows a 1:1 turns
ratio transformer. Other turns ratios can be used if the
source impedence seen by the ADC does not exceed 100
Ω
for each ADC input. A disadvantage of using a transformer
is the loss of low frequency response. Most small RF
transformers have poor performance at frequencies be-
low 1MHz.
frequencies higher than 40MHz, the capacitors may need
to be decreased to prevent excessive signal loss.
Reference Operation
Figure 5 shows the LTC1744 reference circuitry consisting
of a 2.5V bandgap reference, a difference amplifier and
switching and control circuit. The internal voltage refer-
ence can be configured for two pin selectable input ranges
of 2V(
±1V differential) or 3.2V(±1.6V differential). Tying
the SENSE pin to ground selects the 2V range; tying the
SENSE pin to VDD selects the 3.2V range.
The 2.5V bandgap reference serves two functions: its
output provides a DC bias point for setting the common
mode voltage of any external input circuitry; additionally,
the reference is used with a difference amplifier to gener-
ate the differential reference levels needed by the internal
ADC circuitry.
1:1
37
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
100
Ω
100
Ω
18pF
18pF
18pF
1744 F03
4.7
µF
37
Ω
LTC1744
37
Ω
5V
SINGLE-ENDED
INPUT
2.5V
±1/2 RANGE
VCM
AIN
+
AIN
–
18pF
18pF
18pF
1744 F04a
4.7
µF
37
Ω
100
Ω
500
Ω
500
Ω
LTC1744
–
+
1/2 LT1810
–
+
1/2 LT1810
Figure 3. Single-Ended to Differential
Conversion Using a Transformer
Figure 4a. Differential Drive with Op Amps
Figure 4b. Using the LT6600 as a Differential Driver
5V
1
4
3
GAIN = 402
Ω/RIN
MAXIMUM GAIN = 4
5
6
2
7
8
VCM
AIN
+
AIN
–
18pF
1744 F04b
1
µF
49.9
Ω
49.9
Ω
RIN
402
Ω
RIN
402
Ω
0.1
µF
0.01
µF
LTC1744
–
+
–
+
LT6600-20
VOCM
VMID
VIN
Figure 4a demonstrates the use of operational amplifiers
to convert a single ended input signal into a differential
input signal. The advantage of this method is that it
provides low frequency input response; however, the
limited gain bandwidth of most op amps will limit the
SFDR at high input frequencies.
Figure 4b shows the LT6600, a low noise differential
amplifier and lowpass filter, used as an input driver. The
LT6600 provides two functions: it serves as a 4th order
lowpass filter and as a single-ended to differential con-
verter. Additionally it can be programmed with one exter-
nal resistor to provide a gain from 1 to 4. Three versions
of this device are available having lowpass filter band-
widths of 2.5MHz, 10MHz or 20MHz.
The 37
Ω resistors and 18pF capacitors on the analog
inputs serve two purposes: isolating the drive circuitry
from the sample-and-hold charging glitches and limiting
the wideband noise at the converter input. For input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com