Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1744 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 2 Page - Linear Technology

  LTC1744 Datasheet HTML 1Page - Linear Technology LTC1744 Datasheet HTML 2Page - Linear Technology LTC1744 Datasheet HTML 3Page - Linear Technology LTC1744 Datasheet HTML 4Page - Linear Technology LTC1744 Datasheet HTML 5Page - Linear Technology LTC1744 Datasheet HTML 6Page - Linear Technology LTC1744 Datasheet HTML 7Page - Linear Technology LTC1744 Datasheet HTML 8Page - Linear Technology LTC1744 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1744
1744f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
14
Bits
Integral Linearity Error
(Note 6)
q
–4
±1
4
LSB
Differential Linearity Error
q
–1
±0.5
1.5
LSB
Offset Error
(Note 7)
– 20
±520
mV
Gain Error
External Reference (SENSE = 1.6V)
– 3
±13
%FS
Full-Scale Tempco
IOUT(REF) = 0
±40
ppm/
°C
ORDER PART
NUMBER
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................ 6V
Analog Input Voltage (Note 3) .... – 0.3V to (VDD + 0.3V)
Digital Input Voltage (Note 4) ..... – 0.3V to (VDD + 0.3V)
Digital Output Voltage ................. – 0.3V to (VDD + 0.3V)
OGND Voltage .............................................. – 0.3V to 1V
Power Dissipation ............................................ 2000mW
Operating Temperature Range
LTC1744C ............................................... 0
°C to 70°C
LTC1744I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1744CFW
LTC1744IFW
TJMAX = 150°C, θJA = 35°C/W
Consult factory for parts specified with wider operating temperature ranges.
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
FW PACKAGE
48-LEAD PLASTIC TSSOP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SENSE
VCM
GND
AIN
+
AIN
–
GND
VDD
VDD
GND
REFLB
REFHA
GND
GND
REFLA
REFHB
GND
VDD
VDD
GND
VDD
GND
MSBINV
ENC
ENC
OF
OGND
D13
D12
D11
OVDD
D10
D9
D8
D7
OGND
GND
GND
D6
D5
D4
OVDD
D3
D2
D1
D0
OGND
CLKOUT
OE
CO VERTER CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 8)
4.75V
≤ VDD ≤ 5.25V
q
±1 to ±1.6
V
IIN
Analog Input Leakage Current
10
nA
CIN
Analog Input Capacitance
Sample Mode ENC < ENC
15
pF
Hold Mode ENC > ENC
8
pF
tACQ
Sample-and-Hold Acquisition Time
q
7.5
9.5
ns
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.3
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
1.0V < (AIN– = AIN+) < 3.5V
80
dB
The q indicates specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
A ALOG I PUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com