Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1744 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1744 Datasheet HTML 2Page - Linear Technology LTC1744 Datasheet HTML 3Page - Linear Technology LTC1744 Datasheet HTML 4Page - Linear Technology LTC1744 Datasheet HTML 5Page - Linear Technology LTC1744 Datasheet HTML 6Page - Linear Technology LTC1744 Datasheet HTML 7Page - Linear Technology LTC1744 Datasheet HTML 8Page - Linear Technology LTC1744 Datasheet HTML 9Page - Linear Technology LTC1744 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1744
1744f
TYPICAL PERFOR A CE CHARACTERISTICS
Averaged, 8192 Point FFT, Input
Frequency = 2.5MHz, – 20dB,
3.2V Range
Averaged, 8192 Point FFT, Input
Frequency = 20MHz, – 6dB,
2V Range
Averaged, 8192 Point FFT, Input
Frequency = 20MHz, – 6dB,
3.2V Range
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G13
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G14
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G15
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
Averaged, 8192 Point FFT, Input
Frequency = 20MHz, – 20dB,
2V Range
Averaged, 8192 Point FFT, Input
Frequency = 20MHz, – 20dB,
3.2V Range
Averaged, 8192 Point FFT, Input
Frequency = 51MHz, – 1dB,
2V Range
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G16
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G17
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G18
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
Averaged, 8192 Point FFT, Input
Frequency = 2.5MHz, – 6dB,
3.2V Range
Averaged, 8192 Point FFT, Input
Frequency = 2.5MHz, – 20dB,
2V Range
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G11
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G12
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
(Note 5)
Averaged, 8192 Point FFT, Input
Frequency = 51MHz, – 6dB,
2V Range
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G19
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com