Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643AHIGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1643AHIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643AHIGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1643AHIGN Datasheet HTML 1Page - Linear Technology LTC1643AHIGN Datasheet HTML 2Page - Linear Technology LTC1643AHIGN Datasheet HTML 3Page - Linear Technology LTC1643AHIGN Datasheet HTML 4Page - Linear Technology LTC1643AHIGN Datasheet HTML 5Page - Linear Technology LTC1643AHIGN Datasheet HTML 6Page - Linear Technology LTC1643AHIGN Datasheet HTML 7Page - Linear Technology LTC1643AHIGN Datasheet HTML 8Page - Linear Technology LTC1643AHIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afa
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
100
1643A G04
050
23.5
23.0
22.5
22.0
21.5
21.0
20.5
20.0
19.5
–25
25
75
125
Timer Current vs Temperature
TEMPERATURE (
°C)
–50
25.0
22.5
20.0
17.5
15.0
12.5
10.0
25
75
1643A G05
–25
0
50
100
125
FAULT = LOW
Gate ISINK vs Temperature
TEMPERATURE (
°C)
–50
90
80
70
60
50
40
0
50
75
1643A G06
–25
25
100
125
Gate Current vs Temperature
Power Good Threshold Voltage vs
Temperature (12VOUT)
TEMPERATURE (
°C)
–50
11.14
11.12
11.10
11.08
11.06
11.04
0
50
75
1643A G07
–25
25
100
125
Power Good Threshold Voltage vs
Temperature (5VOUT)
TEMPERATURE (
°C)
–50
4.68
4.67
4.66
4.65
4.64
4.63
4.62
25
75
1643A G08
–25
0
50
100
125
TEMPERATURE (
°C)
–50
100
1643A G09
050
2.904
2.903
2.902
2.901
2.900
2.899
2.898
2.897
2.896
–25
25
75
125
Power Good Threshold Voltage vs
Temperature (3VOUT)
Power Good Threshold Voltage
vs Temperature (VEEOUT)
TEMPERATURE (
°C)
–50
100
1643A G10
050
–10.58
–10.56
–10.54
–10.52
–10.50
–10.48
–10.46
–10.44
–10.42
–25
25
75
125
12V Internal Switch Voltage Drop
vs Temperature
TEMPERATURE (
°C)
325
300
275
250
225
200
175
150
LT1643A G11
–50
25
75
–25
0
50
100
125
I12VOUT = 500mA
VEE Internal Switch Voltage Drop
vs Temperature
TEMPERATURE (
°C)
–50
180
160
140
120
100
80
60
25
75
1643A G12
–25
0
50
100
125
IVEEIN = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com